Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1221 Datasheet HTML 1Page - Maxim Integrated Products MAX1221 Datasheet HTML 2Page - Maxim Integrated Products MAX1221 Datasheet HTML 3Page - Maxim Integrated Products MAX1221 Datasheet HTML 4Page - Maxim Integrated Products MAX1221 Datasheet HTML 5Page - Maxim Integrated Products MAX1221 Datasheet HTML 6Page - Maxim Integrated Products MAX1221 Datasheet HTML 7Page - Maxim Integrated Products MAX1221 Datasheet HTML 8Page - Maxim Integrated Products MAX1221 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
General Description
The MAX1221/MAX1223/MAX1343 integrate a multichan-
nel, 12-bit, analog-to-digital converter (ADC) and a 12-bit,
digital-to-analog converter (DAC) in a single IC. The
devices also include a temperature sensor and config-
urable general-purpose I/O ports (GPIOs) with a 25MHz
SPI™-/QSPI™-/MICROWIRE™-compatible serial inter-
face. The ADC is available in a 12 or an eight input-chan-
nel version. The DAC outputs settle within 2.0µs, and the
ADC has a 225ksps conversion rate.
All devices include an internal reference (2.5V) providing
a well-regulated, low-noise reference for both the ADC
and DAC. Programmable reference modes for the ADC
and DAC allow the use of an internal reference, an exter-
nal reference, or a combination of both. Features such as
an internal ±1°C accurate temperature sensor, FIFO,
scan modes, programmable internal or external clock
modes, data averaging, and AutoShutdown™ allow users
to minimize both power consumption and processor
requirements. The low glitch energy (4nV•s) and low digi-
tal feedthrough (0.5nV•s) of the integrated DACs make
these devices ideal for digital control of fast-response
closed-loop systems.
The devices are guaranteed to operate with a supply volt-
age from +2.7V to +5.25V. The devices consume 2.5mA
at 225ksps throughput, only 22µA at 1ksps throughput,
and under 0.2µA in the shutdown mode. The MAX1221/
MAX1343 offer four GPIOs that can be configured as
inputs or outputs.
The MAX1221/MAX1223/MAX1343 are available in 36-pin
thin QFN packages. All devices are specified over the
-40°C to +85°C temperature range.
Applications
Closed-Loop Controls for Optical Components
and Base Stations
System Supervision and Control
Data-Acquisition Systems
Features
♦ 12-Bit, 225ksps ADC
Analog Multiplexer with True-Differential
Track/Hold (T/H)
12 Single-Ended Channels or Six Differential
Channels (Unipolar or Bipolar) (MAX1223)
Eight Single-Ended Channels or Four Differential
Channels (Unipolar or Bipolar)
(MAX1221/MAX1343)
Excellent Accuracy: ±0.5 LSB INL, ±0.5 LSB DNL
♦ 12-Bit, Octal, 2µs Settling DAC
(MAX1221/MAX1223)
Ultra-Low Glitch Energy (4nV•s)
Power-Up Options from Zero Scale or Full Scale
Excellent Accuracy: ±0.5 LSB INL
♦ Internal Reference or External Single-Ended/
Differential Reference
Internal Reference Voltage 2.5V
♦ Internal ±1°C Accurate Temperature Sensor
♦ On-Chip FIFO Capable of Storing 16 ADC
Conversion Results and One Temperature Result
♦ On-Chip Channel-Scan Mode and Internal
Data-Averaging Features
♦ Analog Single-Supply Operation
+2.7V to +5.25V
♦ 2.7V to AVDD Digital Supply
♦ 25MHz, SPI/QSPI/MICROWIRE Serial Interface
♦ AutoShutdown Between Conversions
♦ Low-Power ADC
2.5mA at 225ksps
22µA at 1ksps
0.2µA at Shutdown
♦ Low-Power DAC: 1.5mA
♦ Evaluation Kit Available (Order MAX1258EVKIT)
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-4010; Rev 1; 12/07
For pricing delivery, and ordering information please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
PIN-PACKAGE
REF
VOLTAGE
(V)
ANALOG
SUPPLY
VOLTAGE (V)
RESOLUTION
BITS**
ADC
CHANNELS
DAC
CHANNELS
GPIOs
PKG
CODE
MAX1221BETX
36 Thin QFN-EP*
2.5
2.7 to 5.25
12
8
8
4
T3666-3
MAX1223BETX
36 Thin QFN-EP*
2.5
2.7 to 5.25
12
12
8
0
T3666-3
MAX1343BETX
36 Thin QFN-EP*
2.5
2.7 to 5.25
12
8
4
4
T3666-3
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Note: All devices are specified over the -40°C to +85°C operating temperature range.
*
EP = Exposed pad.
**
Number of resolution bits refers to both DAC and ADC.


Similar Part No. - MAX1221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX122 MAXIM-MAX122 Datasheet
633Kb / 16P
500ksps, 12-Bit ADCs with Track/Hold And Refrence
19-0030; Rev 0; 9/92
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1220BETX MAXIM-MAX1220BETX Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
More results

Similar Description - MAX1221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com