Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 2Page - Maxim Integrated Products MAX1221 Datasheet HTML 3Page - Maxim Integrated Products MAX1221 Datasheet HTML 4Page - Maxim Integrated Products MAX1221 Datasheet HTML 5Page - Maxim Integrated Products MAX1221 Datasheet HTML 6Page - Maxim Integrated Products MAX1221 Datasheet HTML 7Page - Maxim Integrated Products MAX1221 Datasheet HTML 8Page - Maxim Integrated Products MAX1221 Datasheet HTML 9Page - Maxim Integrated Products MAX1221 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 5.25V, external reference VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless other-
wise noted. Typical values are at AVDD = DVDD = 3V. TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Voltage High
VOH
ISOURCE = 2mA
DVDD -
0.5
V
Tri-State Leakage Current
±10
µA
Tri-State Output Capacitance
COUT
15
pF
DIGITAL OUTPUT (EOC) (Note 14)
Output-Voltage Low
VOL
ISINK = 2mA
0.4
V
Output-Voltage High
VOH
ISOURCE = 2mA
DVDD -
0.5
V
Tri-State Leakage Current
±10
µA
Tri-State Output Capacitance
COUT
15
pF
DIGITAL OUTPUTS (GPIO_) (Note 14)
ISINK = 2mA
0.4
GPIOC_ Output-Voltage Low
ISINK = 4mA
0.8
V
GPIOC_ Output-Voltage High
ISOURCE = 2mA
DVDD -
0.5
V
GPIOA_ Output-Voltage Low
ISINK = 15mA
0.8
V
GPIOA_ Output-Voltage High
ISOURCE = 15mA
DVDD -
0.8
V
Tri-State Leakage Current
±10
µA
Tri-State Output Capacitance
COUT
15
pF
POWER REQUIREMENTS (Note 15)
Digital Positive-Supply Voltage
DVDD
2.7
AVDD
V
Idle, all blocks shut down
0.2
4
µA
Digital Positive-Supply Current
DIDD
Only ADC on, external reference
1
mA
Analog Positive-Supply Voltage
AVDD
2.70
5.25
V
Idle, all blocks shut down
0.2
2
µA
fSAMPLE = 225ksps
2.8
4.2
Only ADC on,
external reference
fSAMPLE = 100ksps
2.6
Analog Positive-Supply Current
AIDD
All DACs on, no load, internal reference
1.5
4.0
mA
REF1 Positive-Supply Rejection
PSRR
AVDD = 2.7V
-77
dB
DAC Positive-Supply Rejection
PSRD
Output code = FFFhex,
AVDD = 2.7V to 5.25V
±0.1
±0.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com