Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 29Page - Maxim Integrated Products MAX1221 Datasheet HTML 30Page - Maxim Integrated Products MAX1221 Datasheet HTML 31Page - Maxim Integrated Products MAX1221 Datasheet HTML 32Page - Maxim Integrated Products MAX1221 Datasheet HTML 33Page - Maxim Integrated Products MAX1221 Datasheet HTML 34Page - Maxim Integrated Products MAX1221 Datasheet HTML 35Page - Maxim Integrated Products MAX1221 Datasheet HTML 36Page - Maxim Integrated Products MAX1221 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
33
and forces them to a high-impedance state. DAC out-
puts 0 and 1 remain in their previous state.
Output-Data Format
Figures 6–9 illustrate the conversion timing for the
MAX1221/MAX1223/MAX1343. All 12-bit conversion
results are output in 2-byte format, MSB first, with four
leading zeros. Data appears on DOUT on the falling
edges of SCLK. Data is binary for unipolar mode and
two’s complement for bipolar mode and temperature
results. See Figures 3, 4, and 5 for input/output and
temperature-transfer functions.
ADC Transfer Functions
Figure 3 shows the unipolar transfer function for single-
ended or differential inputs. Figure 4 shows the bipolar
transfer function for differential inputs. Code transitions
occur halfway between successive-integer LSB values.
Output coding is binary, with 1 LSB = VREF1 / 4096 for
unipolar and bipolar operation, and 1 LSB = +0.125°C
for temperature measurements. Bipolar true-differential
results and temperature-sensor results are available in
two’s complement format, while all others are in binary.
See Tables 6, 7, and 8 for details on which setting
(unipolar or bipolar) takes precedence.
In unipolar mode, AIN+ can exceed AIN- by up to
VREF1. In bipolar mode, either input can exceed the
other by up to VREF1 / 2.
Partial Reads and Partial Writes
If the first byte of an entry in the FIFO is partially read
(
CS is pulled high after fewer than eight SCLK cycles),
the remaining bits are lost for that byte. The next byte of
data that is read out contains the next 8 bits. If the first
byte of an entry in the FIFO is read out fully, but the
second byte is read out partially, the rest of that byte is
lost. The remaining data in the FIFO is unaffected and
can be read out normally after taking
CS low again, as
long as the 4 leading bits (normally zeros) are ignored.
If
CS is pulled low before EOC goes low, a conversion
may not be completed and the FIFO data may not be
correct. Incorrect writes (pulling
CS high before com-
pleting eight SCLK cycles) are ignored and the register
remains unchanged.
FULL-SCALE
TRANSITION
111....111
0
INPUT VOLTAGE (LSB)
FS = VREF
111....110
111....101
000....011
000....010
000....001
000....000
2
13
FS
1 LSB = VREF / 4096
FS - 3/2 LSB
Figure 3. Unipolar Transfer Function—Full Scale (FS) = VREF
OUTPUT CODE
011....111
TEMPERATURE (
°C)
011....110
000....001
111....101
100....001
100....000
111....111
111....110
000....000
0
000....010
-256
+255.5
Figure 5. Temperature Transfer Function
011....111
-FS
INPUT VOLTAGE (LSB)
FS = VREF / 2 + VCOM
VREF = VREF+ - VREF-
-FS = -VREF / 2
011....110
011....101
000....001
000....000
111....111
100....011
100....010
100....001
100....000
0
(COM)
-1
+1
+FS - 1 LSB
1 LSB = VREF / 4096
ZS = COM
VREF
VREF
VREF
(COM)
VREF
Figure 4. Bipolar Transfer Function—Full Scale (±FS) = ±VREF / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com