Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 28Page - Maxim Integrated Products MAX1221 Datasheet HTML 29Page - Maxim Integrated Products MAX1221 Datasheet HTML 30Page - Maxim Integrated Products MAX1221 Datasheet HTML 31Page - Maxim Integrated Products MAX1221 Datasheet HTML 32Page - Maxim Integrated Products MAX1221 Datasheet HTML 33Page - Maxim Integrated Products MAX1221 Datasheet HTML 34Page - Maxim Integrated Products MAX1221 Datasheet HTML 35Page - Maxim Integrated Products MAX1221 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
32
______________________________________________________________________________________
Table 18. DAC Power-Up and Power-Down Commands
CONTROL
BITS
DATA BITS
C3 C2 C1 C0
D3 D2 D1 D0
DESCRIPTION
FUNCTION
1
1
1
1
——— ————— 0
0
1
X
Power-Up
Power up individual DAC buffers indicated by data
in DAC0 through DAC3. A one indicates the DAC
output is connected and active. A zero does not
affect the DAC’s present state.
1
1
1
1
——— ————— 0
1
0
X
Power-Down 1
Power down individual DAC buffers indicated by
data in DAC0 through DAC3. A one indicates the
DAC output is disconnected and high impedance.
A zero does not affect the DAC’s present state.
1
1
1
1
——— ————— 1
0
0
X
Power-Down 2
Power down individual DAC buffers indicated by
data in DAC0 through DAC3. A one indicates the
DAC output is disconnected and pulled to AGND
with a 1k
Ω resistor. A zero does not affect the DAC’s
present state.
1
1
1
1
——— ————— 0
0
0
X
Power-Down 3
Power down individual DAC buffers indicated by
data in DAC0 through DAC3. A one indicates the
DAC output is disconnected and pulled to AGND
with a 100k
Ω resistor. A zero does not affect the
DAC’s present state.
1
1
1
1
——— ————— 1
1
1
X
Power-Down 4
Power down individual DAC buffers indicated by
data in DAC0 through DAC3. A one indicates the
DAC output is disconnected and pulled to REF1 with
a 100k
Ω resistor. A zero does not affect the DAC’s
present state.
Table 17. DAC Serial-Interface Configuration (continued)
16-BIT SERIAL WORD
MSB
LSB
CONTROL BITS
DATA BITS
C3 C2 C1 C0 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
FUNCTION
1
1
0
1
——
—————
—————
DAC0–7
D11–D0 to input registers 0–7
(MAX1221/MAX1223). D11–D0 to
input registers 0–3 (MAX1343).
DAC outputs unchanged.
11
10
DAC
7
DAC
6
DAC
5
DAC
4
DAC
3
DAC
2
DAC
1
DAC
0
XXXX
DAC0–7
Input registers to DAC registers
indicated by ones, DAC outputs
updated, equivalent to software
LDAC. (No effect on DACs
indicated by zeros.) DAC7–DAC4
are only valid on the MAX1221/
MAX1223. These are don’t-care
bits for the MAX1343.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com