Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1221 Datasheet HTML 1Page - Maxim Integrated Products MAX1221 Datasheet HTML 2Page - Maxim Integrated Products MAX1221 Datasheet HTML 3Page - Maxim Integrated Products MAX1221 Datasheet HTML 4Page - Maxim Integrated Products MAX1221 Datasheet HTML 5Page - Maxim Integrated Products MAX1221 Datasheet HTML 6Page - Maxim Integrated Products MAX1221 Datasheet HTML 7Page - Maxim Integrated Products MAX1221 Datasheet HTML 8Page - Maxim Integrated Products MAX1221 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = 2.7V to 5.25V, external reference VREF = 2.5V, fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C, unless other-
wise noted. Typical values are at AVDD = DVDD = 3V. TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
From power-down mode, AVDD = 5V
25
Wake-Up Time (Note 12)
From power-down mode, AVDD = 2.7V
21
µs
1k
Ω Output Termination
Programmed in power-down mode
1
k
Ω
100k
Ω Output Termination
At wake-up or programmed in
power-down mode
100
k
Ω
DYNAMIC PERFORMANCE (Notes 5, 13)
Output-Voltage Slew Rate
SR
Positive and negative
3
V/µs
Output-Voltage Settling Time
tS
To 1 LSB, 400 - C00 hex (Note 7)
2
5
µs
Digital Feedthrough
Code 0, all digital inputs from 0 to DVDD
0.5
nV•s
Major Code Transition Glitch
Impulse
Between codes 2047 and 2048
4
nV•s
From VREF
660
Output Noise (0.1Hz to 50MHz)
Using internal reference
720
µVP-P
From VREF
260
Output Noise (0.1Hz to 500kHz)
Using internal reference
320
µVP-P
DAC-to-DAC Transition
Crosstalk
0.5
nV•s
INTERNAL REFERENCE
REF1 Output Voltage
2.482
2.50
2.518
V
REF1 Temperature Coefficient
TCREF
±30
ppm/°C
REF1 Short-Circuit Current
VREF = 2.5V
0.39
mA
EXTERNAL-REFERENCE INPUT
REF1 Input Voltage Range
VREF1
REF modes 01, 10, and 11 (Note 4)
0.7
AVDD
V
REF1 Input Impedance
RREF1
70
100
130
k
Ω
DIGITAL INTERFACE
DIGITAL INPUTS (SCLK, DIN, CS, CNVST, LDAC)
Input-Voltage High
VIH
DVDD = 2.7V to 5.25V
2.4
V
DVDD = 3.6V to 5.25V
0.8
Input-Voltage Low
VIL
DVDD = 2.7V to 3.6V
0.6
V
Input Leakage Current
IL
±0.01
±10
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT) (Note 14)
Output-Voltage Low
VOL
ISINK = 2mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com