Electronic Components Datasheet Search
  English  ▼

X  

MAX1221 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX1221
Description  12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1221 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX1221 Datasheet HTML 35Page - Maxim Integrated Products MAX1221 Datasheet HTML 36Page - Maxim Integrated Products MAX1221 Datasheet HTML 37Page - Maxim Integrated Products MAX1221 Datasheet HTML 38Page - Maxim Integrated Products MAX1221 Datasheet HTML 39Page - Maxim Integrated Products MAX1221 Datasheet HTML 40Page - Maxim Integrated Products MAX1221 Datasheet HTML 41Page - Maxim Integrated Products MAX1221 Datasheet HTML 42Page - Maxim Integrated Products MAX1221 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
______________________________________________________________________________________
39
GPIO INPUT/OUTPUT
CS
tGSU
tGOD
Figure 13. GPIO Timing
LDAC
tLDACPWL
tS
OUT_
±1 LSB
Figure 14.
LDAC Functionality
Layout, Grounding, and Bypassing
For best performance, use PC boards. Ensure that digital
and analog signal lines are separated from each other.
Do not run analog and digital signals parallel to one
another (especially clock signals) or do not run digital
lines underneath the MAX1221/MAX1223/MAX1343
package. High-frequency noise in the AVDD power sup-
ply may affect performance. Bypass the AVDD supply
with a 0.1µF capacitor to AGND, close to the AVDD pin.
Bypass the DVDD supply with a 0.1µF capacitor to
DGND, close to the DVDD pin. Minimize capacitor lead
lengths for best supply-noise rejection. If the power sup-
ply is very noisy, connect a 10Ω resistor in series with the
supply to improve power-supply filtering.
The MAX1221/MAX1223/MAX1343 thin QFN packages
contain an exposed pad on the underside of the device.
Connect this exposed pad to AGND. Refer to the
MAX1258EVKIT for an example of proper layout.
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values
on an actual transfer function from a straight line. This
straight line can be either a best-straight-line fit or a line
drawn between the end points of the transfer function,
once offset and gain errors have been nullified. INL for
the MAX1221/MAX1223/MAX1343 is measured using
the end-point method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1 LSB. A
DNL error specification of less than 1 LSB guarantees
no missing codes and a monotonic transfer function.
Unipolar ADC Offset Error
For an ideal converter, the first transition occurs at 0.5
LSB, above zero. Offset error is the amount of deviation
between the measured first transition point and the
ideal first transition point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com