Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 5Page - Gennum Corporation GS9060 Datasheet HTML 6Page - Gennum Corporation GS9060 Datasheet HTML 7Page - Gennum Corporation GS9060 Datasheet HTML 8Page - Gennum Corporation GS9060 Datasheet HTML 9Page - Gennum Corporation GS9060 Datasheet HTML 10Page - Gennum Corporation GS9060 Datasheet HTML 11Page - Gennum Corporation GS9060 Datasheet HTML 12Page - Gennum Corporation GS9060 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
9 of 61
28
SDOUT_TDO
Synchronous
with
SCLK_TCK
Output
CONTROL SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Output / Test Data Output
Host Mode (JTAG/HOST = LOW)
SDOUT_TDO operates as the host interface serial output,
SDOUT, used to read status and configuration information from
the internal registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDOUT_TDO operates as the JTAG test data output, TDO.
29
SDIN_TDI
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data In / Test Data Input
Host Mode (JTAG/HOST = LOW)
SDIN_TDI operates as the host interface serial input, SDIN, used
to write address and configuration information to the internal
registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDIN_TDI operates as the JTAG test data input, TDI.
NOTE: If the host interface is not being used, tie this pin HIGH.
30
SCLK_TCK
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Clock / Test Clock.
Host Mode (JTAG/HOST = LOW)
SCLK_TCK operates as the host interface burst clock, SCLK.
Command and data read/write words are clocked into the device
synchronously with this clock.
JTAG Test Mode (JTAG/HOST = HIGH)
SCLK_TCK operates as the JTAG test clock, TCK.
NOTE: If the host interface is not being used, tie this pin HIGH.
31
DATA_ERROR
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
The DATA_ERROR signal will be LOW when an error within the
received data stream has been detected by the device. This pin
is a logical 'OR'ing of all detectable errors listed in the internal
ERROR_STATUS register.
Once an error is detected, DATA_ERROR will remain LOW until
the start of the next video frame / field, or until the
ERROR_STATUS register is read via the host interface.
The DATA_ERROR signal will be HIGH when the received data
stream has been detected without error.
NOTE: It is possible to program which error conditions are
monitored by the device by setting appropriate bits of the
ERROR_MASK register HIGH. All error conditions are detected
by default.
32
FIFO_LD
Synchronous
with PCLK
Output
CONTROL SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Used as a control signal for external FIFO(s).
Normally HIGH but will go LOW for one PCLK period at SAV.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com