| Electronic Components Datasheet Search |
|
GS9060 Datasheet(PDF) 36 Page - Gennum Corporation |
|
|
|||||||||||||||||||||||||||||
GS9060 Datasheet(HTML) 36 Page - Gennum Corporation |
|
36 / 61 page ![]() GS9060 Data Sheet 22208 - 8 January 2007 36 of 61 3.9 Data Through Mode The GS9060 may be configured by the application layer to operate as a simple serial-to-parallel converter. In this mode, the device presents data to the output data bus without performing any decoding, descrambling or word-alignment. Data through mode is enabled only when the SMPTE_BYPASS and DVB_ASI input pins are set LOW. Under these conditions, the lock detection algorithm enters PLL lock mode, Section 3.6 on page 28, such that the device may reclock data not conforming to SMPTE or DVB-ASI streams. The LOCKED pin will indicated analog lock. 3.10 Additional Processing Functions The GS9060 contains an additional data processing block which is available in SMPTE mode only, Section 3.7 on page 30. 3.10.1 FIFO Load Pulse To aid in the application-specific implementation of auto-phasing and line synchronization functions, the GS9060 will generate a FIFO load pulse to reset line-based FIFO storage. The FIFO_LD output pin will normally be HIGH but will go LOW for one PCLK period, thereby generating a FIFO write reset signal. The FIFO load pulse will be generated such that it is co-timed to the SAV XYZ code word presented to the output data bus. This ensures that the next PCLK cycle will correspond to the first active sample of the video line. Figure 3-5 shows the timing relationship between the FIFO_LD signal and the output video data. Figure 3-5: FIFO_LD Pulse Timing 3FF 3FF 000 000 000 000 XYZ (SAV) MULTIPLEXED Y/Cr/Cb DATA OUT PCLK PCLK LUMA DATA OUT CHROMA DATA OUT FIFO_LD FIFO_LD XYZ (SAV) FIFO LOAD PULSE – 10BIT OUTPUT MODE FIFO LOAD PULSE – 20BIT OUTPUT MODE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |