Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 33 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 33 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 29Page - Gennum Corporation GS9060 Datasheet HTML 30Page - Gennum Corporation GS9060 Datasheet HTML 31Page - Gennum Corporation GS9060 Datasheet HTML 32Page - Gennum Corporation GS9060 Datasheet HTML 33Page - Gennum Corporation GS9060 Datasheet HTML 34Page - Gennum Corporation GS9060 Datasheet HTML 35Page - Gennum Corporation GS9060 Datasheet HTML 36Page - Gennum Corporation GS9060 Datasheet HTML 37Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
33 of 61
3.7.4 HVF Timing Signal Generation
The GS9060 extracts critical timing parameters from either the received TRS
signals (FW_EN/DIS = LOW), or from the internal flywheel-timing generator
(FW_EN/DIS = HIGH).
Horizontal blanking period (H), vertical blanking period (V), and even / odd field (F)
timing are all extracted and presented to the application layer via the H:V:F status
output pins.
The H signal timing is configurable via the H_CONFIG bit of the internal
IOPROC_DISABLE register as either active line based blanking, or TRS based
blanking, Section 3.10.6 on page 46.
Active line based blanking is enabled when the H_CONFIG bit is set LOW. In this
mode, the H output is HIGH for the entire horizontal blanking period, including the
EAV and SAV TRS words. This is the default H timing used by the device.
Table 3-3: Switch Line Position for Digital Systems
System
Video Format
Sampling
Signal
Standard
Parallel
Interface
Serial
Interface
Switch Line
No.
SDTI
720x576/50 (2:1)
4:2:2
BT.656
BT.656 +
305M
259M
6, 319
720x483/59.94 (2:1)
4:2:2
125M
125M + 305M
259M
10, 273
525
960x483/59.94 (2:1)
4:2:2
267M
267M
259M
10, 273
720x483/59.94 (2:1)
4:4:4:4
267M
347M
344M
10, 273
720x483/59.94 (2:1)
4:4:4:4
267M
RP174
344M
10, 273
720x483/59.94 (2:1)
4:4:4:4
267M
RP175
RP175
10, 273
720x483/59.94 (2:1)
4:2:2
125M
125M
259M
10, 273
720x483/59.94 (1:1)
4:2:2
293M
347M
344M
10
720x483/59.94 (1:1)
4:2:2
293M
293M
294M
10
720x483/59.94 (1:1)
4:2:0
293M
293M
294M
10
625
720x576/50 (1:1)
4:2:2
BT.1358
347M
344M
6
720x576/50 (1:1)
4:2:2
BT.1358
BT.1358
BT.1362
6
720x576/50 (1:1)
4:2:0
BT.1358
BT.1358
BT.1362
6
960x576/50 (2:1)
4:2:2
BT.601
BT.656
259M
6, 319
720x576/50 (2:1)
4:4:4:4
BT.799
347M
344M
6, 319
720x576/50 (2:1)
4:4:4:4
BT.799
BT.799
344M
6, 319
720x576/50 (2:1)
4:4:4:4
BT.799
BT.799
–
6, 319
720x576/50 (2:1)
4:2:2
BT.601
125M
259M
6, 319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com