Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 29 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 29 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 25Page - Gennum Corporation GS9060 Datasheet HTML 26Page - Gennum Corporation GS9060 Datasheet HTML 27Page - Gennum Corporation GS9060 Datasheet HTML 28Page - Gennum Corporation GS9060 Datasheet HTML 29Page - Gennum Corporation GS9060 Datasheet HTML 30Page - Gennum Corporation GS9060 Datasheet HTML 31Page - Gennum Corporation GS9060 Datasheet HTML 32Page - Gennum Corporation GS9060 Datasheet HTML 33Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
29 of 61
If after four attempts lock has not been achieved, the lock detection algorithm will
enter into PLL lock mode. In this mode, the reclocker will attempt to lock to the input
data stream without detecting SMPTE TRS or DVB-ASI sync words. This
unassisted process can take up to 10ms to achieve lock.
When reclocker lock as indicated by the internal pll_lock signal is achieved in this
mode, data will be passed directly to the parallel outputs without any further
processing taking place and the LOCKED signal will be asserted HIGH if and only
if the SMPTE_BYPASS and DVB_ASI input pins are set LOW.
3.6.1 Input Control Signals
The GS9060 contains three input control signals which determine how the device
locks to the input.
It is required that the application layer set the SMPTE_BYPASS and DVB_ASI
inputs to reflect the appropriate input data format. If either is configured incorrectly,
the device will not lock to the input data stream, and the DATA_ERROR pin will be
set LOW.
The third input signal, RC_BYP, allows the application layer to determine whether
the serial digital loop-through output will be a reclocked or buffered version of the
input, Section 3.4.2 on page 27. Table 3-2 shows the required settings for various
input formats.
Table 3-2: Input Control Signals
Format
Pin Settings
SMPTE_BYPASS
DVB_ASI
SD SMPTE
HIGH
LOW
DVB-ASI
LOW
HIGH
NOT SMPTE OR DVB-ASI*
LOW
LOW
*NOTE: See Section 3.9 on page 36 for a complete description of Data-Through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com