Electronic Components Datasheet Search
  English  ▼

X  

GS9060 Datasheet(PDF) 35 Page - Gennum Corporation

Part # GS9060
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060 Datasheet(HTML) 35 Page - Gennum Corporation

Back Button GS9060 Datasheet HTML 31Page - Gennum Corporation GS9060 Datasheet HTML 32Page - Gennum Corporation GS9060 Datasheet HTML 33Page - Gennum Corporation GS9060 Datasheet HTML 34Page - Gennum Corporation GS9060 Datasheet HTML 35Page - Gennum Corporation GS9060 Datasheet HTML 36Page - Gennum Corporation GS9060 Datasheet HTML 37Page - Gennum Corporation GS9060 Datasheet HTML 38Page - Gennum Corporation GS9060 Datasheet HTML 39Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
35 of 61
3.8.1 Transport Packet Format
Transport packet structure shall conform to the specifications of EN/ISO/IEC
13818-1 and ETS 300 429 for Transport Stream Packets. The packet length can
be 188 or 204 bytes.
3.8.2 DVB-ASI 8b/10b Decoding and Word Alignment
After serial-to-parallel conversion, the internal 10-bit data bus is fed to the DVB-ASI
8b/10b decode and word alignment block. The function of this block is to word align
the data to the K28.5 sync characters, and 8b/10b decode and bit-swap the data
to achieve bit alignment with the data outputs.
The extracted 8-bit data will be presented to DOUT[17:10], bypassing all internal
SMPTE mode data processing.
NOTE: When operating in DVB-ASI mode, DOUT[9:0] are forced LOW.
3.8.3 Status Signal Outputs
In DVB-ASI mode, the DOUT19 and DOUT18 pins will be configured as DVB-ASI
status signals SYNCOUT and WORDERR respectively.
SYNCOUT will be HIGH whenever a K28.5 sync character is present on the output.
This output may be used to drive the write enable signal of an external FIFO, thus
providing a means of removing the K28.5 sync characters from the data stream.
Parallel DVB-ASI data may then be clocked out of the FIFO at some rate less than
27MHz. See Figure 3-4.
WORDERR will be high whenever the device has detected an illegal code word.
Figure 3-4: DVB-ASI FIFO Implementation using the GS9060
8
8
AOUT ~ HOUT
WORDERR
PCLK = 27MHz
SYNCOUT
DDI
CLK_IN
CLK_OUT
FIFO
DDI
READ_CLK
<27MHz
FE
FF
TS
WE
WORDERR
GS9060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com