Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 2Page - Analog Devices ADM3052 Datasheet HTML 3Page - Analog Devices ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3052
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 6.
Parameter
Rating
VDD1
−0.5 V to +6 V
V+
−36 V to +36 V
V+R
−36 V to +36 V
Digital Input Voltage
TxD
−0.5 V to VDD1 + 0.5 V
Digital Output Voltage
RxD
−0.5 V to VDD1 + 0.5 V
V+SENSE
−0.5 V to VDD1 + 0.5 V
CANH, CANL
−36 V to +36 V
VREF
−0.5 V to +6 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
ESD (Human Body Model)
3 kV
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
θJA, Thermal Impedance
53°C/W
TJ, Junction Temperature
130°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com