Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices ADM3052 Datasheet HTML 11Page - Analog Devices ADM3052 Datasheet HTML 12Page - Analog Devices ADM3052 Datasheet HTML 13Page - Analog Devices ADM3052 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM3052
Rev. 0 | Page 10 of 20
TEMPERATURE (°C)
2.26
2.28
2.30
2.32
2.34
2.36
2.38
2.40
2.42
–40
–15
10
35
60
85
VDD1 = 3.3V, V+ = 25V
VDD1 = 5V, V+ = 25V
Figure 15. Driver Differential Output Voltage Dominant vs. Temperature
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
2.40
11
13
15
17
19
21
23
25
SUPPLY VOLTAGE, V+ (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 16. Driver Differential Output Voltage Dominant vs. Supply Voltage, V+
TEMPERATURE (°C)
TEMPERATURE (°C)
4.855
4.860
4.865
4.870
4.875
4.880
4.885
4.890
4.895
–40
–15
10
35
60
85
VCC = 5V
IOUT = –1.5mA
Figure 17. Receiver Output High Voltage vs. Temperature
TEMPERATURE (°C)
0
20
40
60
80
100
120
–40
–15
10
35
60
85
Figure 18. Receiver Output Low Voltage vs. Temperature
2.40
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
–40
–15
10
35
60
85
TEMPERATURE (°C)
VCC = 5V, IREF = +50µA
VCC = 5V, IREF = –50µA
VCC = 5V, IREF = +5µA
VCC = 5V, IREF = –5µA
Figure 19. VREF vs. Temperature
60
65
70
75
80
85
TEMPERATURE (°C)
VDD1 = 3.3V
VDD1 = 5V
–40
–15
10
35
60
85
Figure 20. Enable Time, V+ High to V+SENSE Low vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com