Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices ADM3052 Datasheet HTML 11Page - Analog Devices ADM3052 Datasheet HTML 12Page - Analog Devices ADM3052 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM3052
Rev. 0 | Page 9 of 20
TEMPERATURE (°C)
44
51
50
49
48
47
46
45
–40
–15
10
35
60
85
VDD1 = 3.3V, V+ = 25V
VDD1 = 5V, V+ = 25V
Figure 9. Propagation Delay from TxD On to Bus Active vs. Temperature
44
45
46
47
48
49
50
51
11
13
15
17
19
21
23
25
SUPPLY VOLTAGE, V+ (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 10. Propagation Delay from TxD On to Bus Active
vs. Supply Voltage, V+
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
2.40
11
13
15
17
19
21
23
25
SUPPLY VOLTAGE, V+ (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 11. Differential Output Voltage Dominant vs. Supply Voltage, V+
44
45
46
47
48
49
50
51
–40
–15
10
35
60
85
TEMPERATURE (°C)
VDD1 = 3.3V, V+ = 25V
VDD1 = 5V, V+ = 25V
Figure 12. Propagation Delay from TxD O
n to Bus Active vs. Temperature
30
32
34
36
38
40
42
44
46
48
50
100
1000
DATA RATE (kbps)
V+ = 11V, VDD1 = 5V, TA = 25°C
V+ = 18V, VDD1 = 5V, TA = 25°C
V+ = 25V, VDD1 = 5V, TA = 25°C
Figure 13. Supply Current (I+) vs. Data Rate (Across V+, VDD1 = 5 V)
100
1000
DATA RATE (kbps)
0
0.2
0.4
0.6
0.8
1.0
1.2
VDD1 = 3.3V, V+ = 24V, TA = 25°C
VDD1 = 5V, V+ = 24V, TA = 25°C
Figure 14. Supply Current (IDD1) vs. Data Rate (VDD1 = 3.3 V, 5 V; V+ = 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com