Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 12Page - Analog Devices ADM3052 Datasheet HTML 13Page - Analog Devices ADM3052 Datasheet HTML 14Page - Analog Devices ADM3052 Datasheet HTML 15Page - Analog Devices ADM3052 Datasheet HTML 16Page - Analog Devices ADM3052 Datasheet HTML 17Page - Analog Devices ADM3052 Datasheet HTML 18Page - Analog Devices ADM3052 Datasheet HTML 19Page - Analog Devices ADM3052 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM3052
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS
ADM3052
CAN TRANSCEIVER
TxD
RxD
ISOLATION
BARRIER
GND1
LOGIC SIDE
BUS SIDE
ENCODE
DECODE
DECODE
V+SENSE
DECODE
ENCODE
BUS
V+SENSE
ENCODE
DIGITAL ISOLATION
V+
V–
V+R
V+
CANH
CANL
V–
V+
CANH
CANL
VREF
VDD2
VDD1
CINT
1µF
10µF
GND2
LINEAR
REGULATOR
100nF
RP
RL
100nF
3.3V/5V SUPPLY
CAN
CONTROLLER
BUS
CONNECTOR
REFERENCE
VOLTAGE
RECEIVER
DRIVER
PROTECTION
TxD
RxD
VREF
VDD2
GND2
Figure 33. Typical Isolated CAN Node Using the ADM3052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com