Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 3Page - Analog Devices ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices ADM3052 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM3052
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC 1
GND1 2
GND1 3
4
V–
16
V+
15
V+R
14
CINT
13
5
CANH
12
V+SENSE
6
CANL
11
RxD
7
VREF
10
TxD
8
V–
9
VDD1
GND1
ADM3052
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect. Do not connect to this pin.
2
GND1
Ground (Logic Side).
3
GND1
Ground (Logic Side).
4
V+SENSE
Bus Voltage Sense. A low level on V+SENSE indicates that there is power connected on the bus on V+ and V−.
A high level on V+SENSE indicates that power is not connected on the bus on V+ and V−.
5
RxD
Receiver Output Data.
6
TxD
Driver Input Data.
7
VDD1
Power Supply (Logic Side). Decoupling capacitor to GND1 required; capacitor value should be between
0.01 μF and 0.1 μF.
8
GND1
Ground (Logic Side).
9
V−
Ground (Bus Side).
10
VREF
Reference Voltage Output.
11
CANL
Low Level CAN Voltage Input/Output.
12
CANH
High Level CAN Voltage Input/Output.
13
CINT
A capacitor of 1 μF, 10 V is required on this pin.
14
V+R
Connect a 300 Ω, 750 mW resistor between V+R and V+. It is recommended that a 10 μF capacitor be fitted
between V+R and GND2.
15
V+
Bus Power Connection. Connect a 300 Ω, 750 mW resistor between V+R and V+.
16
V−
Ground (Bus Side).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com