Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices ADM3052 Datasheet HTML 10Page - Analog Devices ADM3052 Datasheet HTML 11Page - Analog Devices ADM3052 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM3052
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
148
150
152
154
156
158
160
162
164
–40
–15
10
35
60
85
VDD1 = 3.3V, V+ = 25V
VDD1 = 5V, V+ = 25V
Figure 3. Propagation Delay from TxD On to Receiver Active
vs. Temperature
SUPPLY VOLTAGE, V+ (V)
151
152
153
154
155
156
157
11
13
15
17
19
21
23
25
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 4. Propagation Delay from TxD On to Receiver Active
vs. Supply Voltage, V+
0
50
100
150
200
250
–40
–15
10
35
TEMPERATURE (°C)
60
85
VDD1 = 3.3V, V+ = 25V
VDD1 = 5V, V+ = 25V
Figure 5. Propagation Delay from TxD O
ff to Receiver Inactive
vs. Temperature
188
189
190
191
192
193
194
195
11
13
15
17
19
25
23
21
SUPPLY VOLTAGE, V+ (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 6. Propagation Delay from TxD O
ff to Receiver Inactive
vs. Supply Voltage, V+
60
65
70
75
80
85
90
–40
–15
10
35
60
85
TEMPERATURE (°C)
V+ = 25V
VDD1 = 3.3V
VDD1 = 5V
Figure 7. Propagation Delay from TxD Off to Bus Inactive vs. Temperature
75
76
77
78
79
80
81
82
83
84
85
11
13
15
17
19
21
23
25
SUPPLY VOLTAGE, V+ (V)
VDD1 = 3.3V, TA = 25°C
VDD1 = 5V, TA = 25°C
Figure 8. Propagation Delay from TxD Off to Bus
Inactive
vs. Supply Voltage, V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com