Electronic Components Datasheet Search
  English  ▼

X  

ADM3052 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3052
Description  Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3052 Datasheet(HTML) 1 Page - Analog Devices

  ADM3052 Datasheet HTML 1Page - Analog Devices ADM3052 Datasheet HTML 2Page - Analog Devices ADM3052 Datasheet HTML 3Page - Analog Devices ADM3052 Datasheet HTML 4Page - Analog Devices ADM3052 Datasheet HTML 5Page - Analog Devices ADM3052 Datasheet HTML 6Page - Analog Devices ADM3052 Datasheet HTML 7Page - Analog Devices ADM3052 Datasheet HTML 8Page - Analog Devices ADM3052 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Isolated CAN Transceiver with Integrated
High Voltage, Bus-Side, Linear Regulator
ADM3052
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
5 kV rms isolated CAN transceiver
Integrated V+ linear regulator
Bus side powered by V+ and V−
11 V to 25 V operation on V+
5 V or 3.3 V operation on VDD1
Complies with ISO 11898 standard
High speed data rates up to 1 Mbps
Short-circuit protection on bus pins
Integrated bus miswire protection
Unpowered nodes do not disturb the bus
110 or more nodes on the bus
Thermal shutdown protection
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition (pending)
5000 VRMS for 1 minute per UL 1577
VDE Certificates of Conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
Industrial operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package
APPLICATIONS
CAN data buses
Industrial field networks
DeviceNet applications
GENERAL DESCRIPTION
The ADM3052 is an isolated controller area network (CAN)
physical layer transceiver with a V+ integrated linear regulator.
The ADM3052 complies with the ISO 11898 standard.
The device employs Analog Devices, Inc., iCoupler® technology
to combine a 3-channel isolator, a CAN transceiver, and a linear
regulator into a single package. The power is isolated between a
single 3.3 V or 5 V supply on VDD1, the logic side, and a single
24 V supply provided on V+, the bus side.
The ADM3052 creates an isolated interface between the CAN
protocol controller and the physical layer bus. It is capable of
running at data rates up to 1 Mbps.
The device has integrated miswire protection on the bus pins,
V+, V−, CANH, and CANL.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where the
bus may be shorted to ground or power terminals. The part
is fully specified over the industrial temperature range and is
available in a 16-lead, wide-body SOIC package.
FUNCTIONAL BLOCK DIAGRAM
ADM3052
TxD
RxD
ISOLATION
BARRIER
GND1
LOGIC SIDE
ENCODE
DECODE
DECODE
V+SENSE
DECODE
ENCODE
BUS
V+SENSE
ENCODE
DIGITAL ISOL ATION
V+
V–
V+R
VREF
VDD2
VDD1
CINT
LINEAR
REGULATOR
BUS SIDE
REFERENCE
VOLTAGE
RECEIVER
DRIVER
PROTECTION
CAN TRANSCEIVER
TxD
RxD
VREF
VDD2
GND2
GND2
CANL
CANH
Figure 1.


Similar Part No. - ADM3052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3052 AD-ADM3052 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3052 AD-ADM3052 Datasheet
258Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
Rev. B
ADM3052BRWZ AD-ADM3052BRWZ Datasheet
258Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
Rev. B
ADM3052BRWZ-REEL7 AD-ADM3052BRWZ-REEL7 Datasheet
258Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
Rev. B
ADM3052 AD-ADM3052_V01 Datasheet
258Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
Rev. B
More results

Similar Description - ADM3052

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Melexis Microelectronic...
TH3122 MELEXIS-TH3122 Datasheet
251Kb / 14P
K-Bus Transceiver with integrated Voltage Regulator
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Analog Devices
ADM3052 AD-ADM3052_V01 Datasheet
258Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com