Electronic Components Datasheet Search
  English  ▼

X  

VSP5621 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 Datasheet(HTML) 21 Page - Texas Instruments

Back Button VSP5621 Datasheet HTML 17Page - Texas Instruments VSP5621 Datasheet HTML 18Page - Texas Instruments VSP5621 Datasheet HTML 19Page - Texas Instruments VSP5621 Datasheet HTML 20Page - Texas Instruments VSP5621 Datasheet HTML 21Page - Texas Instruments VSP5621 Datasheet HTML 22Page - Texas Instruments VSP5621 Datasheet HTML 23Page - Texas Instruments VSP5621 Datasheet HTML 24Page - Texas Instruments VSP5621 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MCLK
AINx
(1)
CLP_y
(2)
SHP_y
(2)
SHD_y
(2)
MCLK
AINx
(1)
SHP_y
(2)
SHD_y
(2)
t
FC_y
t
CW_y
t
RP_y
t
PW_y
t
RP_y
t
PW_y
a)PixelClamp
b)ClampDuringCLPDMActive
VSP5620
VSP5621
VSP5622
www.ti.com
SBES022
– JULY 2011
In pixel clamp mode, CLP_A/B is used for clamping. The input signal is clamped to VCLP via the CLP_A/B pulse
during each pixel period, as shown in Figure 6a. Because the ac-coupling capacitor is charged on a pixel-to-pixel
basis, the clamp level droop can be controlled by the clamp pulse width.
In line clamp mode, SHP_A/B is used for clamping when CLPDM is active, as shown in Figure 6b. The input
signal is clamped only in the CLPDM period within one line cycle of the sensor. The signal is clamped in this
method because the charge leaks the least from the coupling capacitor during the CLPDM period. Accordingly,
because there may be a large droop in the clamp level, this device does not support line clamp in the SH mode.
The not-clamped mode is mainly used in for a CMOS sensor input. If the sensor signal is directly connected to
the AFE, this mode should be configured without an ac-coupling capacitor at the input port. This mode has two
options to select a reference for the sensor black level: internal reference and external input. In the internal
reference option, the internal reference (VCLP) is used with AINx_CLP_SEL = 2. In the external input option, the
external input is used from AINGNDx with AINx_CLP_SEL = 3.
(1) x = AIN channel number, x = 1, 2, 3, and 4.
(2) y = Group code of sample pulse signals. When x = 1 or 2, y = A. When x = 3 or 4, y = B.
Figure 6. Input Clamp Function
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): VSP5620 VSP5621 VSP5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com