Electronic Components Datasheet Search
  English  ▼

X  

VSP5621 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VSP5621 Datasheet HTML 3Page - Texas Instruments VSP5621 Datasheet HTML 4Page - Texas Instruments VSP5621 Datasheet HTML 5Page - Texas Instruments VSP5621 Datasheet HTML 6Page - Texas Instruments VSP5621 Datasheet HTML 7Page - Texas Instruments VSP5621 Datasheet HTML 8Page - Texas Instruments VSP5621 Datasheet HTML 9Page - Texas Instruments VSP5621 Datasheet HTML 10Page - Texas Instruments VSP5621 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
VSP5620
VSP5621
VSP5622
www.ti.com
SBES022
– JULY 2011
ELECTRICAL CHARACTERISTICS: VSP5621 (continued)
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 12.5 MHz, and four-channel mode, unless
otherwise noted.
VSP5621
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED DRIVER
Output current
ILD
60
mA/ch
Off-state leak current
50
µA
Output current tolerance
–10
10
%
Total output current(1)
All channels
132
mA
Channel mismatch
–5
5
%
Current step
16
steps/ch
0.7
4.5
V
Drive voltage
VLD
LED turns off, ILD = 0 mA
6
V
Temperature drift
TA = 0°C to +85°C, design ensured
–2
2
%
POWER SUPPLY
LDO and analog I/O supply voltage
VDD
3.0
3.3
3.6
V
Digital I/O supply voltage
DVDD_IO
3.0
3.3
3.6
V
LVDS/CMOS supply voltage
LVDD
3.0
3.3
3.6
V
LDO and analog I/O current
VDD
99.6
mA
Digital I/O current
DVDD_IO
Load = 10 pF
5.4
mA
CMOS current
LVDD
10
mA
LVDS current
LVDD
Two-pair data, one-pair clock
18
mA
LVDS, two-pair
406
mW
Power consumption
CMOS output
380
mW
Standby mode (MCLK = 0 MHz)
15
mW
TEMPERATURE RANGE
Operation temperature
TA
0
+85
°C
DLL, PLL
MCLK input frequency
fMCLK
1
16.66
MHz
MCLK modulated frequency
MCLK
> 5 MHz
35
kHz
MCLK modulated amplitude
–3.5
0
%
DLL tap number
48
Taps
Maximum DLL and PLL lock-up time
MCLK = 1 MHz
10
ms
(1)
The total current limitation circuitry is not included.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): VSP5620 VSP5621 VSP5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com