Electronic Components Datasheet Search
  English  ▼

X  

VSP5621 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 Datasheet(HTML) 8 Page - Texas Instruments

Back Button VSP5621 Datasheet HTML 4Page - Texas Instruments VSP5621 Datasheet HTML 5Page - Texas Instruments VSP5621 Datasheet HTML 6Page - Texas Instruments VSP5621 Datasheet HTML 7Page - Texas Instruments VSP5621 Datasheet HTML 8Page - Texas Instruments VSP5621 Datasheet HTML 9Page - Texas Instruments VSP5621 Datasheet HTML 10Page - Texas Instruments VSP5621 Datasheet HTML 11Page - Texas Instruments VSP5621 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
VSP5620
VSP5621
VSP5622
SBES022
– JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VSP5621 (continued)
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 12.5 MHz, and four-channel mode, unless
otherwise noted.
VSP5621
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSFER CHARACTERISTICS
Channel
2
4
Channels
Resolution
16
Bits
LVDS, two- and three-channel mode
1
16.66
MHz/Ch
LVDS, four-channel mode
1
12.5
MHz/Ch
CMOS 4-bit
× 4, two-channel mode
1
10
MHz/Ch
Conversion rate
CMOS 4-bit
× 4, three-channel
1
6.7
MHz/Ch
mode
CMOS 4-bit
× 4, four-channel mode
1
5
MHz/Ch
Maximum differential nonlinearity
Gain = 1 V/V, 12-bit
±0.5
LSB
Maximum integral nonlinearity
Gain = 1 V/V, 12-bit
±2
LSB
No missing codes
Specified
Signal-to-noise ratio
SNR
Gain = 1 V/V
72(2)
76
dB
Analog channel crosstalk
Gain = 1 V/V, 12-bit, full-scale step
±6.5
LSB
Total absolute gain error
–10
10
%
ANALOG PROGRAMMABLE GAIN (APG)
Gain range
APG_x
0.5
3.5
V/V
Gain step
63
Steps
Gain relative error
Basis gain = 1 V/V
–10
10
%
Gain monotonicity
Only APG_x
Specified
DIGITAL PROGRAMMABLE GAIN (DPG)
Gain range
DPG_x
1.0
2.0
V/V
Gain step
255
Steps
Gain monotonicity
Only DPG_x
Specified
AIN REFERENCE LEVEL (REF_AIN)
Setting code = 0
0.5
V
Setting code = 1
1.1
V
Internal DAC output
VRINT
Setting code = 2 (default)
1.5
V
Setting code = 3
2.0
V
Internal DAC output tolerance
VRINT
–10
10
%
Internal DAC output temperature
VRINT
TA = 0°C to +85°C
(2)
–2
2
%
drift
External reference range
VREXT
0.5
VDD
– 0.9
V
INPUT CLAMP
Internal reference level clamp
VRINT
V
Clamp level
VCLP
External reference level clamp
VREXT
V
Fixed level clamp
2.2
V
Clamp-on resistance
RCLP
500
Ω
OFFSET DAC
Resolution
8
Bits
Output range
±250
mV
Setting tolerance
–10
10
%
Temperature drift
TA = 0°C to +85°C
(2)
–2
2
%
(2)
Specified by design.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): VSP5620 VSP5621 VSP5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com