Electronic Components Datasheet Search
  English  ▼

X  

VSP5621 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 Datasheet(HTML) 1 Page - Texas Instruments

  VSP5621 Datasheet HTML 1Page - Texas Instruments VSP5621 Datasheet HTML 2Page - Texas Instruments VSP5621 Datasheet HTML 3Page - Texas Instruments VSP5621 Datasheet HTML 4Page - Texas Instruments VSP5621 Datasheet HTML 5Page - Texas Instruments VSP5621 Datasheet HTML 6Page - Texas Instruments VSP5621 Datasheet HTML 7Page - Texas Instruments VSP5621 Datasheet HTML 8Page - Texas Instruments VSP5621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
VSP5620
VSP5621
VSP5622
www.ti.com
SBES022
– JULY 2011
16-Bit, 4-Channel, CCD/CMOS Sensor
Analog Front-End with LED Driver
Check for Samples: VSP5620, VSP5621, VSP5622
1
FEATURES
23
•
Four-Channel CCD/CMOS Signal: 2-Channel,
•
Power (at 4-channel, LVDS, 3.3 V, without LED
3-Channel, and 4-Channel Selectable
Driver):
•
Power Supply: 3.3 V Only, Typ
– VSP5620: 320 mW at 35 MSPS
(Built-in LDO, 3.3 V to 1.8 V)
– VSP5621: 406 mW at 50 MSPS
•
Maximum Conversion Rate:
– VSP5622: 523 mW at 70 MSPS
– VSP5620: 35 MSPS
– VSP5621: 50 MSPS
APPLICATIONS
– VSP5622: 70 MSPS
•
Copiers
•
16-Bit Resolution
•
Facsimile Machines
•
CDS/SH Selectable
•
Scanners
•
Maximum Input Signal Range: 2.0 V
•
Analog and Digital Hybrid Gain:
DESCRIPTION
– Analog Gain: 0.5 V/V to 3.5 V/V in
The
VSP5620/21/22
are
high-speed,
3/64-V/V Steps
high-performance, 16-bit analog-to-digital-converters
(ADCs) that have four independent sampling circuit
– Digital Gain: 1 V/V to 2 V/V in
channels
for
multi-output
charge-coupled
device
1/256-V/V Steps
(CCD)
and
complementary
metal
oxide
•
Offset Correction DAC:
±250 mV, 8-Bit
semiconductor (CMOS) line sensors. Pixel data from
•
Standard LVDS/CMOS Selectable Output:
the sensor are sampled by the sample/hold (SH) or
– LVDS:
correlated double sampler (CDS) circuit, and are then
converted to digital data by an ADC. Data output is
– Data Channel: 2-Channel
selectable in low-voltage differential signaling (LVDS)
– Clock Channel: 1-Channel
or CMOS modes.
– 8-Bit/7-Bit Serializer Selectable
The VSP5620/21/22 include a programmable gain to
– CMOS: 4 Bits × 4
support the pixel level inflection caused by luminance
•
Timing Generator
and a built-in light-emitting diode (LED) driver to
– Fast Transfer Clock: One Signal
adjust
the
brightness.
The
integrated
– Slow Transfer Clock: One Signal
digital-to-analog-converter (DAC) can be used to
adjust the offset level for the analog input signal.
•
LED Driver: Three Channels
Furthermore, the timing generator (TG) is integrated
– Current: 60-mA/Channel Max,
in these devices for the control of sensor operation.
16-Steps/Channel
•
Timing Adjustment Resolution: tMCLK/48
The VSP5620/21/22 use 1.65 V to 1.95 V for the core
voltage and 3.0 V to 3.6 V for I/Os. The core voltage
•
Input Clamp/Input Reference Level
is supplied by a built-in low-dropout regulator (LDO).
Internal/External Selectable
•
Reference DAC: 0.5 V, 1.1 V, 1.5 V, 2 V
•
SPI
™: Three-Wire Serial
•
GPIO: Four-Port
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VSP5621

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5610 TI2-VSP5610 Datasheet
743Kb / 49P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
JUNE 2011
VSP5610RSHR TI1-VSP5610RSHR Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP5610RSHR TI2-VSP5610RSHR Datasheet
743Kb / 49P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
JUNE 2011
VSP5610RSHR.A TI2-VSP5610RSHR.A Datasheet
743Kb / 49P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
JUNE 2011
More results

Similar Description - VSP5621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
AFE5818 TI1-AFE5818 Datasheet
2Mb / 156P
16-Channel, Ultrasound, Analog Front-End
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
3 Channel, 16-Bit, 81 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com