Electronic Components Datasheet Search
  English  ▼

X  

VSP5621 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # VSP5621
Description  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 Datasheet(HTML) 3 Page - Texas Instruments

  VSP5621 Datasheet HTML 1Page - Texas Instruments VSP5621 Datasheet HTML 2Page - Texas Instruments VSP5621 Datasheet HTML 3Page - Texas Instruments VSP5621 Datasheet HTML 4Page - Texas Instruments VSP5621 Datasheet HTML 5Page - Texas Instruments VSP5621 Datasheet HTML 6Page - Texas Instruments VSP5621 Datasheet HTML 7Page - Texas Instruments VSP5621 Datasheet HTML 8Page - Texas Instruments VSP5621 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
VSP5620
VSP5621
VSP5622
www.ti.com
SBES022
– JULY 2011
ELECTRICAL CHARACTERISTICS: VSP5620
All specifications at TA = +25°C, supply voltage = +3.3 V, conversion rate = 8.75 MHz, and four-channel mode, unless
otherwise noted.
VSP5620
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Allowable input voltage
0
VDD
V
Full-scale range
Gain = 1 V/V
1
VPP
Input capacitor
5
pF
DIGITAL INPUT
Positive-going threshold
VT+
DVDD_IO
× 0.7
V
Negative-going threshold
VT–
DVDD_IO
× 0.3
V
Hysteresis (VT+ – VT–)
ΔVT
DVDD_IO
× 0.13
V
Input current
IIN
±1
µA
Input capacitor
5
pF
DIGITAL OUTPUT
IOH = –2 mA
DVDD_IO
– 0.45
V
High-level output voltage
VOH
IOH = –4 mA
DVDD_IO
– 0.50
V
IOH = –8 mA
DVDD_IO
– 0.50
V
IOL = 2 mA
0.35
V
Low-level output voltage
VOL
IOL = 4 mA
0.50
V
IOL = 8 mA
0.65
V
CMOS data output bit rate
80
MHz
LVDS DRIVER (TA, TB, TCLK)
Differential steady-state output
|VOD|
RL = 100 Ω
300
350
400
mV
voltage adjustment range
Differential steady-state output
|VOD|
3
Steps
adjustment step
Differential steady-state output
|VOD|
–30
30
%
voltage tolerance
Change in the steady-state
differential output voltage magnitude
Δ|VOD|
35
mV
between opposite binary states
Steady-state common-mode output
VOC(SS)
RL = 100 Ω
1.125
1.375
V
voltage
Peak-to-peak common-mode output
VOC(PP)
80
150
mV
voltage
Short-circuit output current
IOS
VO = 0 V (VO = TA, TB, TCLK)
–6
±24
mA
VO = 0 V to LVDD
Hi-Z output current
IOZ
±10
µA
(VO = TA, TB, TCLK)
Transition time, differential output
tLR/tLF
0.75
1.5
ns
voltage
TCLK clock rate
8
35
MHz
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): VSP5620 VSP5621 VSP5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com