Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
SENSOR_CAL_HI (CAL_POINT_HI): Sensor Cal Hi is
the upper calibrated point of Sensor Value in sensor units.
It refers to Probe Level Hi.
PROBE_LEVEL_LO (LEVEL_LO): Probe Level Low is
the value of Probe Level at Sensor Cal Lo and is defined in
Probe Level units.
PROBE_LEVEL_HI (LEVEL_HI): Probe Level Hi is the
value of Probe Level at Sensor Cal Hi and is defined in
Probe Level units.
LEVEL_OFFSET: Desired level reading when liquid sur-
face is at end of probe. Level Offset is defined in Probe
Level units.
LIN_TYPE: Type of linearization. No linearization is sup-
ported.
SENSOR_HIGH_LIMIT: Upper process limit of the sen-
sor in sensor units.
SENSOR_LOW_LIMIT: Lower process limit of the sensor
in sensor units.
Another important parameter found later in the TRANS-
DUCER block list is DEVICE_STATUS, which displays
the status of the device. If more than one message exists,
then the messages are displayed in priority order. Refer to
Section 7.1.2, Error Messages.
If DEVICE_STATUS indicates a problem, refer to
Section 7.1, Troubleshooting.
For a complete list of Transducer Block Parameters, refer
to table in the Appendix.
4.3.2 Password Parameters
To change a parameter at the local user interface, a value
matching the user password must be entered (Default=0). If
the user password is entered, the instrument is in the user
mode. After 5 minutes with no keypad activity, the entered
password expires.
Factory password is for use by trained factory personnel only.
From the network, the instrument always behaves as if it is
in the user mode by default. In other words, it is not neces-
sary to enter the user password in order to write parameters
from the network.
24
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com