Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
2.4
QuickStart Configuration
The Eclipse transmitter comes partially configured from
the factory but can be reconfigured in the shop (disregard
fault message due to unattached probe). The minimum
configuration instructions required in the field follow. Use
the information from the operating parameters table in
Section 2.1.2 before beginning configuration.
1. Power up the transmitter.
The display changes every 5 seconds to show one of two
values: Status & Level.
2. Remove the cover of the lower electronic compartment.
3. Use the Up or Down Arrow (
) keys to move from one
step of the configuration program to the next step.
4. Press the Enter Arrow (
) key. The last
character in the first line of the display
changes to an exclamation point (!).
5. Use the Up or Down Arrow (
) keys to increase or
decrease the value in the display or to scroll through the
choices.
6. Press the Enter Arrow (
) key to accept a value and move
to the next step of the configuration program (the default
password is 0).
7. After entering the last value, allow 10 seconds before
removing power from the transmitter.
The following configuration entries are the minimum required for
configuration (the default password is 0 from the LCD/keypad).
PrbModel
xxx
PrbModel
(select)
Probe Ln
xxx.x
LvlOfst
xxx.x
Dielctrc
(select)
Select the Probe Model to be used
Model 705: 7xA-x, 7xB-x, 7xD-x, 7xE-x, 7xF-F, 7xF-P,
7xF-4, 7xF-x, 7xJ-x, 7xK-x, 7xP-x, 7xR-x, 7xS-x,
7xT-x, 7x1-x, 7x2-x, 7x5-x, 7x7-x
Select the type of Probe Mounting to vessel (NPT, BSP, or
flange).
Select from Level Only, Level and Volume, Interface Level
or Interface Level and Volume.
Enter the exact Probe Length as printed on the probe
nameplate.
Enter the Level Offset value. Refer to Section 2.6.6 for
further information. (The unit is shipped from the factory
with offset = 0; i.e., all measurements are referenced to
the bottom of the probe).
Enter the Dielectric range for the material to be measured.
Level Offset
Probe Length
Probe Mount
Probe Model
Dielectric
of Medium
2
5
6
4
1
x
y
z
{
|
}
PrbMount
(select)
Enter
Down
Up
MeasType
(select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com