Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 38 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 38 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
38
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.1.3 Error Mapped to Diagnosis (cont.)
Note that PV status for Interface and Volume process vari-
bles may indicate a configuration error if the correct
Measurement Type has not been selected. In this case,
“Configuration not valid” will not be set in the DIAGNO-
SIS parameter since level measurement may still be correct.
Also, a Default Parameters Fault is indicated after a Factory
Reset which will result in the DIAGNOSIS indication
“Configuration not valid”.
7.1.4 PROFIBUS PA
TM Segment Checklist
There can be several reasons for a PROFIBUS PA™ installa-
tion to be in a faulty condition. In order to assure that com-
munication can be established, the following requirements
must be met.
• Device supply voltage must be higher than 9 VDC with a
maximum of 32 VDC.
• Total current draw of a given segment cannot exceed the
rating shown on the power conditioner and/or barrier.
• Device polarity must be correct.
• Two 100
Ω, 1 µF terminators must be connected to the
network—one at each end of the segment.
• Cable length plus spur length must not exceed the following
values:
• The cable shield is to be hard grounded only at one point
close to the DCS. In addition, the cable shield can be
capacitively grounded in multiple places to improve EMC
protection.
If all of these requirements are met, a stable communication
should be established.
Number of Spurs
1 Device
2 Devices
3 Devices
4 Devices
25–32
—
—
—
—
19–24
100 ft. (30 m)
—
—
—
15–18
200 ft. (60 m)
100 ft. (30 m)
—
—
13–14
300 ft. (90 m)
200 ft. (60 m)
100 ft. (30 m)
—
1–12
400 ft. (120 m) 300 ft. (90 m)
200 ft. (60 m)
100 ft. (30 m)
Pair
Shield
Twisted
Size
Length
Type
Single
Yes
Yes
AWG 18 (0.8 mm2)
6,200 ft. (1,900 m)
A
Multi
Yes
Yes
AWG 22 (0.32 mm2)
3,900 ft. (1,200 m)
B
Multi
No
Yes
AWG 26 (0.13 mm2)
1,300 ft. (400 m)
C
Multi
Yes
No
AWG 16 (1.25 mm2)
650 ft. (200 m)
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com