Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  705-5100-F21 Datasheet HTML 1Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 2Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 3Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
1.0
PROFIBUS PA™ Overview
1.1
Description
PROFIBUS PA™ is a digital communications system that
serially interconnects devices in the field. A fieldbus system
is similar to a Distributed Control System (DCS) with two
exceptions:
• Although a PROFIBUS PA™ system can use the same physi-
cal wiring as an existing 4–20 mA device, fieldbus devices
are not connected point to point, but rather are mul-
tidropped and wired in parallel on a single pair of wires
(referred to as a segment).
• PROFIBUS PA™ is a system that allows the user to
distribute control across a network. Fieldbus devices are
smart and actually maintain control over the system.
Unlike 4–20 mA analog installations in which the two wires
carry a single variable (the varying 4–20 mA current), a dig-
ital communications scheme such as PROFIBUS PA™ con-
siders the two wires as a network. The network can carry
many process variables as well as other information. The
Enhanced Eclipse Model 705PA transmitter is a
PROFIBUS PA™ certified device that communicates with
the DPV1 protocol operating at 31.25 kbits/sec. The MBP
physical layer is an approved IEC 61158 standard.
An IEC61158 shielded twisted pair wire segment can be as
long as 6234 feet (1900 meters) without a repeater. Up to
4 repeaters per segment can be used to extend the distance.
The maximum number of devices allowed on a fieldbus seg-
ment is 32 although this depends on the current draw
of the devices on any given segment.
4
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
Control Room
Power Supply
Terminator
6234 feet (1900 meters) maximum
PC
Terminator
Power
Conditioner
Typical Fieldbus Installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com