Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 33 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 33 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
6.0 Diagnostic Parameters
The Eclipse Model 705 measurement engine runs through a
series of self-tests and will detect and report faulty opera-
tion. The TRANSDUCER BLOCK displays these faults in
the DEVICE_STATUS parameter. Refer to Section 7.1.2
for more information on specific faults and warnings.
When the Model 705 transmitter is initially powered on,
the measurement engine does not have enough valid meas-
urement cycles to make a decision about the output level.
For the first sixteen measurement cycles after power is
applied, the QUALITY is “Uncertain,” the SUB_STATUS
is “Initial value,” and the LIMIT attribute is “Constant.”
54
ElecTemp
xxx C
None
Diagnostic Display
Present temperature in electronics
compartment (degrees Celsius)
55
Max Temp
xxx C
Superuser
Diagnostic Display
Maximum electronics
temperature recorded
56
Min Temp
xxx C
Superuser
Diagnostic Display
Minimum electronics
temperature recorded
57
SZ Hyst
xx.x su
Superuser
Superuser Parameter
Safety Zone hysteresis height
Display
Password
Action
Comment
41
Compsate
Superuser
Superuser Parameter
Select from None,
Manual, Auto
42
DrateFct
xxxx
None
Diagnostic Display
Compsate = Auto, velocity
derating factor
43
TargAmpl
xxxx
None
Diagnostic Display
Compsate = Auto, target
negative threshold amplitude
44
Targ Tks
xxxx
None
Diagnostic Display
Compsate = Auto, measured time of flight
from fiducial to target
45
Targ Cal
xxxx
Superuser
Diagnostic Display
Compsate = Auto, calibrated time of flight
from fiducial to target in room temperature air
46
OperMode
(select)
Superuser
Superuser Parameter
Compsate =
Auto, select from Run, Cal, Off
47
7xK Corr
xxx
Superuser
Superuser Parameter
Probe Model = 7xK, Distance in mm from
fiducial to user reference point
48
Snsr Val
xxx.x su
None
Distance to the target relative to the sensor
reference point.
49
SnrCalLo
xxx.x su
Superuser
The lower calibrated point of Sensor Value.
It refers to PrLvl Lo.
In Sensor Units. Set to entered Probe Ln
50
SnrCalHi
xxx.x su
Superuser
The higher calibrated point of Sensor
Value. It refers to PrLvl Hi.
In Sensor Units
51
ProbeLvl
xxx.x plu
None
Level on the probe relative to the end of
the probe.
52
PrLvl Lo
xxx.x plu
Superuser
Value of PrLvl at SnrCalLo.
In Probe Level Units
53
PrLvl Hi
xxx.x plu
Superuser
Value of PrLvl at SnrCalHi.
In Probe Level Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com