Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 35 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 35 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
LEVEL and % OUTPUT values
Basic configuration data is
Reconfigure the Probe Model and/or Probe
are inaccurate.
questionable.
Mount, Probe Length or Level Offset.
1) Ensure the Level is accurate.
Interface level has significant emulsion. Examine process to reduce/eliminate
emulsion layer.
LEVEL readings are repeatable but
Configuration data does not
Ensure proper Probe Model, Level Offset
consistently high or low from actual
accurately match probe length
& probe length.
by a fixed amount.
or tank height.
Adjust trim level value by the amount of
noted inaccuracy.
LEVEL and % OUTPUT values
Turbulence
Increase the Damping factor until the
fluctuate.
readings stabilize.
High Frequency connection
Check Fid Spread (should be stable within
±10 counts).
LEVEL and % OUTPUT values
Lower dielectric material over higher
Select Fixed Threshold option.
all reading low vs. actual.
dielectric material, e.g., oil over water
Coating, clumping or buildup on probe
These may be expected inaccuracies due
to affect on pulse propagation.
Dense, water based foam
These may be expected inaccuracies due
to affect on pulse propagation.
Level Reading on Display is stuck at
Software believes probe is flooded
Check actual level. If probe is not flooded,
full scale.
(level near very top of probe).
Check for buildup or obstructions near top
of probe. Select higher dielectric range.
Check for condensation in probe
connection. Add Blocking Distance.
LEVEL and % OUTPUT values
Possible configuration issue
1) Increase Blocking Distance
values all at maximum level.
with single rod probe
2) Increase Dielectric Range
LEVEL and % OUTPUT values
Possible obstruction in tank
1) Increase Dielectric Range until
reading high vs. actual.
affecting single rod probe
obstruction is ignored
2) Relocate probe away from obstruction
LEVEL value reading high when
Transmitter loose or disconnected
Ensure transmitter connected securely
should be zero.
from probe
to probe.
Symptom
Problem
Solution
7.1.1 Troubleshooting System Problems
NOTE: When consulting the factory concerning improper operation, use proper tables on Pages 50-51. Enter all data when transmitter
is working CORRECTLY and INCORRECTLY.
7.0
Reference Information
7.1
Troubleshooting
The Eclipse transmitter is designed and engineered for
trouble-free operation over a wide range of operating
conditions. Common transmitter problems are discussed
in terms of their symptoms and recommended corrective
actions. Information on how to handle material buildup
on the probe is also provided in this section.
WARNING!
Explosion hazard. Do not connect or
disconnect equipment unless power
has been switched off or the area is
known to be non-hazardous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com