Electronic Components Datasheet Search
  English  ▼

X  

705-5100-F21 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 4Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
2.1.2 Configuration Information
Some key information is needed to configure the
Eclipse transmitter. Complete the following operating
parameters table before beginning configuration.
Display
Question
Answer
Probe Model
What probe model is listed on the
model information?
(first four digits of probe model number)
_____________
Probe Mount
Is the probe mounted NPT, BSP,
or flange?
_____________
Measurement
What is the desired measurement? Choices
Type
are: Level only, Volume, Interface Level
or Interface Level and Volume.
_____________
Probe Length
What probe length is listed on the
model information?
(last three digits of probe model number)
_____________
Level Offset
The desired level reading when the
liquid is at the end of the probe.
_____________
Dielectric
What is the dielectric constant range
of the process medium? (Lower layer
dielectric for interface applications)
_____________
2.2
QuickStart Mounting
NOTE: Confirm the configuration style and process connection
size/type of the Eclipse transmitter. Ensure it matches the
requirements of the installation before continuing with the
QuickStart installation.
x Confirm the model and serial numbers on the nameplates
of the Eclipse probe and transmitter are identical.
For applications using the Model 7xS steam probe, it is
mandatory to keep the transmitter and probe matched
as a set.
2.2.1 Probe
y Carefully place the probe into the vessel. Align the probe
process connection with the threaded or flanged mounting
on the vessel.
x
{
}
|
~
y
z
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com