Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Rev. 1.00
16 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Memory Map
Reserved
Private peripheral bus
Reserved
APB/AHB bit band alias
Reserved
0xFFFF_FFFF
0xE010_0000
0xE000_0000
0x4400_0000
0x4200_0000
0x4010_0000
AHB peripherals
APB peripherals
0x4008_0000
0x4000_0000
Reserved
0x2204_0000
SRAM bit band alias
0x2200_0000
Reserved
0x2000_2000
4 KB on-chip SRAM
0x2000_1000
2 KB on-chip SRAM
2 KB on-chip SRAM
0x2000_0800
0x2000_0000
Reserved
0x1FF0_0400
Option Bytes Flash
0x1FF0_0000
Reserved
0x1F00_0800
Boot Loader
0x1F00_0000
Reserved
0x0000_7C00
15 KB on-chip Flash
8 KB on-chip Flash
8 KB on-chip Flash
0x0000_0000
Code
SRAM
Peripherals
512 KB
512 KB
32 MB
256 KB
1 KB
2 KB
HT32F1253
HT32F1252
HT32F1251(B)
HT32F1252
HT32F1251(B)
CKCU/RSTCU
Reserved
0x4008_A000
0x4010_0000
0x4008_8000
Reserved
FMC
0x4008_2000
0x4008_0000
GPTM1
Reserved
0x4007_0000
0x4006_F000
GPTM0
0x4006_E000
Reserved
0x4006_B000
RTC/PWRCU
0x4006_A000
Reserved
0x4006_9000
WDT
0x4006_8000
Reserved
0x4004_9000
I2C
0x4004_8000
Reserved
0x4002_5000
EXTI
0x4002_4000
Reserved
0x4002_3000
AFIO
0x4002_2000
Reserved
0x4001_C000
GPIO B
0x4001_B000
GPIO A
0x4001_A000
Reserved
0x4001_9000
OPA/CMP
0x4001_8000
Reserved
0x4001_1000
ADC
0x4001_0000
Reserved
0x4000_5000
SPI
0x4000_4000
Reserved
0x4000_1000
USART
0x4000_0000
AHB Peripherals
APB Peripherals
0x0000_2000
0x0000_4000
HT32F1253
NOTES: 1. For HT32F1251(B), the Flash memory space at 0x0000_2000 to 0x0000_7BFF and the SRAM
memory space at 0x2000_0800 to 0x2000_1FFF are reserved.
2. For HT32F1252, the Flash memory space at 0x0000_4000 to 0x0000_7BFF and the SRAM memory
space at 0x2000_1000 to 0x2000_1FFF are reserved.
Figure 2. HT32F125x Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com