Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 33Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 34Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 35Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Rev. 1.00
34 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
―
9.10
B
6.90
―
7.10
C
8.90
―
9.10
D
6.90
―
7.10
E
―
0.50
―
F
―
0.20
―
G
1.35
―
1.45
H
―
―
1.60
I
—
0.10
—
J
0.45
―
0.75
K
0.10
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com