Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Rev. 1.00
20 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Table 2. HT32F125x Pin Descriptions
Pin
Name
Pins
Type
(Note1)
IO
Level
(Note2)
Description
48
LQFP
Default function
(AF0)
AF1
AF2
AF3
VSSA_2
1
P
Ground reference for ADC and OPA/Comparator
PA0
2
I/O
GPIO PA0
ADC_IN0
GT1_ETI
GT0_CH3
PA1
3
I/O
GPIO PA1
ADC_IN1
GT0_CH2
PA2
4
I/O
GPIO PA2
ADC_IN2
UR_DCD
GT0_CH1
PA3
5
I/O
GPIO PA3
ADC_IN3
UR_DSR
GT0_CH0
PA4
6
I/O
GPIO PA4
ADC_IN4
UR_DTR
SPI_MOSI
PA5
7
I/O
GPIO PA5
ADC_IN5
UR_RI
SPI_MISO
PA6
8
I/O
GPIO PA6
ADC_IN6
UR_RTS/TXE
SPI_SCK
PA7
9
I/O
GPIO PA7
ADC_IN7
UR_CTS/SCK SPI_SEL
PA8
10
I/O
5V-T
GPIO PA8
UR_RX
PA9
11
I/O
5V-T
GPIO PA9-BOOT0
UR_TX
PA10
12
I/O
5V-T
GPIO PA10-BOOT1
VLDOOUT
13
P
LDO 1.8 V output. Please put a 10μF capacitor to GND in those pins
as close as possible.
N.C
14
VLDOIN
15
P
LDO 3.3 V power source, also connected to the power switch of the
backup domain.
VSSLDO
16
P
LDO ground reference
nRST
17
I
(Backup
domain)
5V-T
External reset pin and external wakeup pin in Power-Down mode
VBAT(note3) 18
P
VDD 3.3 V for backup domain
PB8(note3) 19
I/O
(Backup
domain)
XTAL32KIN
PB8
PB9(note3) 20
I/O
(Backup
domain)
XTAL32KOUT
PB9
PB10
21
I/O
(Backup
domain)
5V-T
RTCOUT
PB10-
WAKEUP
GT0_ETI
PB11
22
I/O
5V-T
GPIO PB11
CKOUT
GT0_CH3
PA11
23
I/O
5V-T
GPIO PA11
I2C_SCL
PA12
24
I/O
5V-T
GPIO PA12
I2C_SDA
PA13
25
I/O
5V-T
SWDIO
PA13
GT0_CH2
PA14
26
I/O
5V-T
SWCLK
PA14
GT0_CH1
PA15
27
I/O
5V-T
TRACESWO
PA15
GT0_CH0
VDD33_2
28
P
3.3 V voltage for digital I/O
VSS33_2
29
P
Ground reference for digital I/O
VSS33_3
30
P
Ground reference for digital core
PB12
31
I/O
5V-T
GPIO PB12
SPI_SEL
UR_DCD
GT1_CH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com