Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 28Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 29Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 30Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 31Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 32Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Rev. 1.00
29 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Operation Amplifier/Comparator Characteristics
Table 16. OPA/CMP Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Operating voltage
2.7
3.3
3.6
V
IOPA/CMP
Typical operating current
—
230
—
uA
IOPA/CMP_DN Power down supply current
Assign registers OPAEN = 0
and EN_OPAOP = 0
—
—
0.1
uA
VIOS
Input offset voltage
VDDA = 3.3 V,
AnOF[5:0] = ‘100000’
-15
—
15
mV
VDDA = 3.3 V, After calibration
-1
—
1
mV
GV
Voltage Gain
60
100
dB
Ut
Unit-Gain Bandwidth
RL=100KΩ
1,3
MHz
RL=100KΩ, CL=100pF
1.24
VCM
Common mode voltage range VDDA = 3.3 V
VSSA
—
VDDA –
0.6
V
tRT
Comparator response time
VDDA = 3.3 V;
Input Overdrive = ±10mV
—
1
—
us
SR
Slew Rate
VDDA = 3.3 V;
Output capacitor load
CL=100pF
1.6
V/us
NOTE: Guaranteed by design, not tested in production.
GPTM Characteristics
Table 17. GPTM Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fGPTM
Timer clock source
—
—
—
72
MHz
tRES
Timer resolution time
—
1
—
—
1/fGPTM
fEXT
External signal frequency on
channel 1 ~ 4
—
—
—
1/2
fGPTM
RES
Timer resolution
—
—
—
16
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com