Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Rev. 1.00
17 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Clock Structure
4-16 MHz
HSE XTAL
8 MHz
HSI RC
32 kHz
LSI RC
32.768 kHz
LSE OSC
WDTSRC
PLLSRC
AHB
Prescaler
÷
1,2,4,8
FCLK
( free running clock)
HCLKC
( to Cortex-M3)
STCLK
(to SysTick)
ADC
Prescaler
÷
1,2,4,6,8...
CK_ADC
fCK_AHB,max = 72MHz
CK_WDT
WDTEN
CK_PLL/16
CK_HSI/16
CK_HSE/16
CK_SYS/16
CKOUT
CKOUTSRC[2:0]
HSEEN
HSIEN
LSEEN
LSIEN
fCK_SYS,max = 144MHz
CK_LSI
CK_LSE
CK_AHB/16
CK_HSI
CK_HSE
PCLK
( to OPA,
AFIO
GPIO Port,
ADC,
SPI,
USART,
I2C,
GPTIM,
EXTI,
RTC,
WDT)
14
PLL
Clock
Monitor
PLLEN
CK_USART
CK_LSE
CK_PLL
UREN
CM3EN
(control by HW)
OPA0EN
WDTEN
(APB peripherals clock gating)
ADCEN
Prescaler
÷
1, 2
f CK_PLL,max = 144MHz
CK_LSI
HCLKS
( to SRAM)
HCLKF
( to Flash)
CM3EN
FMCEN
CM3EN
SRAMEN
14
1
0
RTCSRC
CK_RTC
RTCEN
1
0
1
0
CK_AHB
000
001
010
011
100
101
110
CK_SYS
SW[1:0]
0x
11
10
÷
8
Legend: HSE = High Speed External clock
HSI = High Speed Internal clock
LSE = Low Speed External clock
LSI = Low Speed Internal clock
NOTE: 1. Control bits LSIEN & LSEEN are located at RTC Control Register (RTCCR).
2. HT32F1251B does not include the VBAT, XTAL32KIN and XTAL32KOUT pins.
Figure 3. HT32F125x Clock Structure Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com