Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 27Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Rev. 1.00
24 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
External Clock Characteristics
Table 8. High Speed External Clock (HSE) Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE
High Speed External oscillator
frequency (HSE)
VDD33 = 3.3 V
4
—
16
MHz
CHSE
Recommended load capacitance on
XTALIN and XTALOUT
—
TBD
—
pF
RFHSE
Recommended external feedback
resistor between XTALIN and
XTALOUT
—
1.0
—
MΩ
DHSE
HSE Oscillator Duty cycle
40
—
60
%
IDDHSE
HSE Oscillator Operating Current
VDD33 = 3.3 V, TA = 25°C
—
0.96
—
mA
ISTBHSE
HSE Oscillator Standby current
VDD33 = 3.3 V, TA = 25°C
—
—
0.1
μA
tSUHSE
HSE Oscillator Startup time
VDD33 = 3.3 V, TA = 25°C
—
—
4
ms
Table 9. Low Speed External Clock (LSE) Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE
Low Speed External oscillator
frequency (LSE)
VDD33 = VBAT = 3.3 V
—
32.768
—
kHz
CLSE
Recommended load capacitance on
XTAL32IN and XTAL32OUT
—
—
TBD
—
pF
RFLSE
Recommended external feedback
resistor between XTAL32IN and
XTAL32OUT
—
—
10
—
MΩ
DLSE
LSE Oscillator Duty cycle
—
40
—
60
%
IDDLSE
LSE Oscillator Operating Current
VDD33 = VBAT = 3.3 V,
LSESM = 0 (Normal
startup mode)
—
1.7
—
μA
ISTBLSE
LSE Oscillator Standby current
VDD33 = VBAT = 3.3 V,
LSESM = 1 (Fast startup
mode)
—
3
8
μA
tSULSE
LSE Oscillator Startup time
VDD33 = VBAT = 3.3 V,
LSESM = 1 (Fast startup
mode)
—
200
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com