Electronic Components Datasheet Search
  English  ▼

X  

HT32F1253 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT32F1253
Description  32-bit Microcontroller with ARM Cortex-M3 Core
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1253 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT32F1253 Datasheet HTML 19Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 20Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 21Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 22Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 23Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 24Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 25Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 26Page - Holtek Semiconductor Inc HT32F1253 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Rev. 1.00
23 of 35
May 27, 2011
32-bit ARM Cortex™-M3 MCU
HT32F1251/51B/52/53
Power Consumption
Table 6. Power Consumption Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max Unit
IDD
Supply current
(Run mode)
VDD33 = VBAT = 3.3 V, HSE = 8MHz, PLL = 144 MHz,
fHCLK = 72 MHz, fPCLK = 72 MHz, All peripherals enabled
—
47
—
mA
VDD33 = VBAT = 3.3 V, HSE = 8MHz, PLL = 144 MHz,
fHCLK = 72 MHz, fPCLK = 72 MHz, All peripherals disabled
—
28
—
mA
Supply current
(Sleep mode)
VDD = VBAT = 3.3 V, HSE = 8MHz, PLL = 144 MHz,
fHCLK = 0 MHz, fPCLK = 72 MHz, All peripherals enabled
—
30
—
mA
VDD33 = VBAT = 3.3 V, HSE = 8MHz, PLL = 144 MHz,
fHCLK = 0 MHz, fPCLK = 72 MHz, All peripherals disabled
—
7
—
mA
Supply current
(Deep-Sleep1
mode)
VDD33 = VBAT = 3.3 V, All clock off (HSE/PLL/fHCLK), LDO
in low power mode, LSI on, RTC on
—
66
—
μA
Supply current
(Deep-Sleep2
mode)
VDD33 = VBAT = 3.3 V, All clock off (HSE/PLL/fHCLK), LDO
off (DMOS on), LSI on, RTC on
—
11
—
μA
Supply current
(Power-Down
mode)
VDD33 = VBAT = 3.3 V, LDO off, LSE on, LSI off, RTC on
—
4.2
—
μA
VDD33 = VBAT = 3.3 V, LDO off, LSE on, LSI off, RTC off
—
4.1
—
μA
VDD33 = VBAT = 3.3 V, LDO off, LSE off, LSI on, RTC on
—
4.3
—
μA
VDD33 = VBAT = 3.3 V, LDO off, LSE off, LSI on, RTC off
—
4.2
—
μA
IBAT
Battery supply
current (Power-
Down mode)
VDD33 not present, VBAT = 3.3 V, LDO off, LSE off, LSI
on, RTC on
—
4
—
μA
VDD33 not present, VBAT = 3.3 V, LDO off, LSE off, LSI
on, RTC off
—
3.9
—
μA
NOTES: 1. HSE is the high speed external oscillator while HSI is the 8MHz high speed internal oscillator.
2. LSE is the low speed external oscillator while LSI is the 32 KHz low speed internal oscillator.
3. RTC means real time clock.
4. Code = while (1) { NOP x n } executed in Flash (n > 200).
Reset and Supply Monitor Characteristics
Table 7. LVD/BOD Characteristics
TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBOD
Voltage of Brown Out Detector
—
—
2.5
—
V
VLVD
Voltage of Low Voltage Detector
LVDS (Note1) = ‘00’
—
2.7
—
V
LVDS (Note1) = ‘01’
—
2.8
—
V
LVDS (Note1) = ‘10’
—
2.9
—
V
LVDS (Note1) = ‘11’
—
3.0
—
V
VPOR
Voltage of Power On Reset
—
—
1.36
—
V
NOTE: LVDS field is in PWRCU LVDCSR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com