Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 108 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 104Page - NXP Semiconductors LPC4350 Datasheet HTML 105Page - NXP Semiconductors LPC4350 Datasheet HTML 106Page - NXP Semiconductors LPC4350 Datasheet HTML 107Page - NXP Semiconductors LPC4350 Datasheet HTML 108Page - NXP Semiconductors LPC4350 Datasheet HTML 109Page - NXP Semiconductors LPC4350 Datasheet HTML 110Page - NXP Semiconductors LPC4350 Datasheet HTML 111Page - NXP Semiconductors LPC4350 Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
108 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
11.7 USART interface
Fig 26. I2S-bus timing (receive)
002aag498
Tcy(clk)
tf
tr
tWH
tsu(D)
th(D)
tsu(D)
tsu(D)
tWL
I2Sx_RX_SCK
I2Sx_RX_SDA
I2Sx_RX_WS
Table 16.
Dynamic characteristics: USART interface
Tamb =25 C; 2.2 V VDD(REG)(3V3) 3.6 V; 2.7 V VDD(IO) 3.6 V; CL = 20 pF. Simulated values.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tcy(clk)
clock cycle time
on pins Ux_UCLK
-
0.1
-
s
output
tv(Q)
data output valid time
on pin Ux_TXD
-
6.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com