Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 131 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 131 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 127Page - NXP Semiconductors LPC4350 Datasheet HTML 128Page - NXP Semiconductors LPC4350 Datasheet HTML 129Page - NXP Semiconductors LPC4350 Datasheet HTML 130Page - NXP Semiconductors LPC4350 Datasheet HTML 131Page - NXP Semiconductors LPC4350 Datasheet HTML 132Page - NXP Semiconductors LPC4350 Datasheet HTML 133Page - NXP Semiconductors LPC4350 Datasheet HTML 134Page - NXP Semiconductors LPC4350 Datasheet HTML 135Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
131 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
Fig 42. Package outline of the TFBGA180 package
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT570-3
SOT570-3
08-07-09
10-04-15
UNIT
mm
max
nom
min
1.20
1.06
0.95
0.40
0.35
0.30
0.50
0.45
0.40
12.1
12.0
11.9
12.1
12.0
11.9
0.8
10.4
0.15
0.12
A
DIMENSIONS (mm are the original dimensions)
TFBGA180: thin fine-pitch ball grid array package; 180 balls
0
5
10 mm
scale
A1
A2
0.80
0.71
0.65
b
D
E
e
e1
10.4
e2
v
w
0.05
y
y1
0.1
ball A1
index area
B
A
D
E
C
y
C
y1
X
A
B
C
D
E
F
H
K
G
L
J
M
N
P
2468
10
12
14
13579
11
13
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v M
C
∅ w M
ball A1
index area
detail X
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com