Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5111 Datasheet HTML 3Page - Analog Devices AD5111 Datasheet HTML 4Page - Analog Devices AD5111 Datasheet HTML 5Page - Analog Devices AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices AD5111 Datasheet HTML 10Page - Analog Devices AD5111 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD5116
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5116
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS INTERNALLY
FLOATING.
3
W
4
B
1
VDD
2
A
6 PD
5 GND
8
7 PU
ASE
Figure 7. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply. This pin should be decoupled with 0.1µF ceramic capacitors and 10 µF capacitors.
2
A
Terminal A of RDAC. GND ≤ VA ≤ VDD.
3
W
Wiper terminal of RDAC. GND ≤ VW ≤ VDD.
4
B
Terminal B of RDAC. GND ≤ VB ≤ VDD.
5
GND
Ground Pin.
6
PD
Push-Down Pin. Connect to the external push button. Active high. An internal 100 kΩ pull-down resistor is
connected to GND.
7
PU
Push-Up Pin. Connect to the external push button. Active high. An internal 100 kΩ pull-down resistor is
connected to GND.
8
ASE
Automatic Save Enable. Automatic save enable is configured at power-up. Active low. This pin requires a pull
resistor connected between VDD or GND. If ASE is enabled, this pin also indicates when the end scale (maximum
or minimum resistance) has been reached.
EPAD
Exposed Pad. The exposed pad is internally floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com