Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices AD5111 Datasheet HTML 10Page - Analog Devices AD5111 Datasheet HTML 11Page - Analog Devices AD5111 Datasheet HTML 12Page - Analog Devices AD5111 Datasheet HTML 13Page - Analog Devices AD5111 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5116
Data Sheet
Rev. 0 | Page 10 of 16
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (Hz)
20
200
2k
20k
200k
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + 1VRMS
VB = 2.5V
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 20. Total Harmonic Distortion + Noise (THD + N) vs. Frequency
0
10
20
30
40
50
60
70
80
5k + 250pF
10k + 75pF
10k + 150pF
10k + 250pF
80k + 0pF
80k + 75pF
80k + 150pF
80k + 250pF
5k + 0pF
5k + 75pF
5k + 150pF
10k + 0pF
CODE (Decimal)
0
10
20
30
40
50
60
Figure 21. Maximum Bandwidth vs. Code vs. Net Capacitance
0
30
60
90
120
150
0
1
2
3
VDD (V)
4
5
6
5.5V
5V
3.3V
2.7V
2.3V
TA = 25°C
Figure 22. Incremental Wiper on Resistance vs. VDD
AMPLITUDE (V rms)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + VIN
VB = 2.5V
fIN = 1kHz
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 23. Total Harmonic Distortion + Noise (THD + N) vs. Amplitude
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–1
1
3
5
TIME (µs)
7
9
5k
Ω
10k
Ω
80k
Ω
VDD = 5V
VA = VDD
VB = GND
Figure 24. Maximum Transition Glitch
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.0005
0.0010
0.0015
0.0020
0.0025
–400
–500
–600
–300 –200 –100
0
100
200
300
400
500
600
RESISTOR DRIFT (ppm)
Figure 25. Resistor Lifetime Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com