Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5111 Datasheet HTML 5Page - Analog Devices AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices AD5111 Datasheet HTML 10Page - Analog Devices AD5111 Datasheet HTML 11Page - Analog Devices AD5111 Datasheet HTML 12Page - Analog Devices AD5111 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD5116
Rev. 0 | Page 9 of 16
0
–60
–50
–40
–30
–20
–10
100M
10M
1M
100k
10k
FREQUENCY (Hz)
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 14. 5 kΩ Gain vs. Frequency vs. Code
–60
–50
–40
–30
–10
0
10k
1M
100k
FREQUENCY (Hz)
–20
–80
–70
0x20
0x08
0x02
0x01
0x04
0x00
0x10
Figure 15. 80 kΩ Gain vs. Frequency vs. Code
0
20
40
60
80
100
120
140
160
180
200
10k
Ω
80k
Ω
5k
Ω
VDD = 5V
CODE (Decimal)
0
10
20
30
40
50
60
Figure 16. Rheostat Mode Tempco ΔRWB/ΔT vs. Code
–50
–40
–30
–10
0
1M
10M
100k
10k
FREQUENCY (Hz)
–20
–70
–60
0x20
0x08
0x02
0x01
0x04
0x00
0x10
Figure 17. 10 kΩ Gain vs. Frequency vs. Code
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1M
10M
FREQUENCY (Hz)
FULL SCALE
HALF SCALE
QUARTER SCALE
RAB = 10kΩ
Figure 18. Normalized Phase Flatness vs. Frequency
0
20
40
60
80
100
120
140
160
180
200
10kΩ
80kΩ
5kΩ
VDD = 5V
CODE (Decimal)
0
10
20
30
40
50
60
Figure 19. Potentiometer Mode Tempco ΔRWB/ΔT vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com