Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices AD5111 Datasheet HTML 10Page - Analog Devices AD5111 Datasheet HTML 11Page - Analog Devices AD5111 Datasheet HTML 12Page - Analog Devices AD5111 Datasheet HTML 13Page - Analog Devices AD5111 Datasheet HTML 14Page - Analog Devices AD5111 Datasheet HTML 15Page - Analog Devices AD5111 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD5116
Rev. 0 | Page 15 of 16
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A that is proportional to the input
voltage at A to B, as shown in Figure 43. Unlike the polarity of
VDD to GND, which must be positive, voltage across A-to-B, W-
to-A, and W-to-B can be at either polarity.
W
A
B
VIN
VOUT
Figure 43. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for simplicity,
connecting Terminal A to 5 V and Terminal B to ground
produces an output voltage at the Wiper W to Terminal B
ranging from 0 V to 5 V. The general equation defining the
output voltage at VW, with respect to ground for any valid
input voltage applied to Terminal A and Terminal B, is:
B
AB
AW
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
(6)
where:
RWB(D)
can be obtained from Equation 1 or Equation 2.
RAW(D)
can be obtained from Equation 3 to Equation 5 .
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly
on the ratio of the internal resistors, RWA and RWB, and not the
absolute values. Therefore, the temperature drift reduces to
5 ppm/°C.
TERMINAL VOLTAGE OPERATING RANGE
The AD5116 is designed with internal ESD diodes for
protection. These diodes also set the voltage boundary of
the terminal operating voltages. Positive signals present on
Terminal A, Terminal B, or Terminal W that exceed VDD are
clamped by the forward-biased diode. There is no polarity
constraint between VA, VW, and VB, but they cannot be higher
than VDD or lower than GND.
POWER-UP SEQUENCE
Because of the ESD protection diodes that limit the voltage
compliance at Terminal A, Terminal B, and Terminal W (see
Figure 44), it is important to power on VDD before applying
any voltage to Terminal A, Terminal B, and Terminal W.
Otherwise, the diodes are forward-biased such that VDD is
powered on unintentionally and can affect other parts of the
circuit. Similarly, VDD should be powered down last. The ideal
power-on sequence is in the following order: GND, VDD, and
VA/VB/VW. The order of powering VA, VB, and VW is not
important as long as they are powered on after VDD. The
states of the PU and PD pins can be logic low or floating,
but they should not be logic high during power-on.
GND
VDD
A
W
B
Figure 44. Maximum Terminal Voltages Set by VDD and VSS
LAYOUT AND POWER SUPPLY BIASING
It is always a good practice to use compact, minimum lead
length layout design. The leads to the input should be as direct
as possible with a minimum conductor length. Ground paths
should have low resistance and low inductance. It is also good
practice to bypass the power supplies with quality capacitors.
Low equivalent series resistance (ESR) 1 μF to 10 μF tantalum
or electrolytic capacitors should be applied at the supplies to
minimize any transient disturbance and to filter low frequency
ripple. Figure 45 illustrates the basic supply bypassing config-
uration for the AD5116.
AD5116
C2
10µF
C1
0.1µF
VDD
VDD
AGND
GND
+
Figure 45. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com