Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 1 Page - Analog Devices

  AD5111 Datasheet HTML 1Page - Analog Devices AD5111 Datasheet HTML 2Page - Analog Devices AD5111 Datasheet HTML 3Page - Analog Devices AD5111 Datasheet HTML 4Page - Analog Devices AD5111 Datasheet HTML 5Page - Analog Devices AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single-Channel, 64-Position, Push Button,
±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Data Sheet
AD5116
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 64-position resolution
5 kΩ, 10 kΩ, 80 kΩ nominal resistance
Maximum ±8% nominal resistor tolerance error
Low minimum A-W and B-W resistance feature
End scale resistance indicator
2.3 V to 5.5 V single-supply operation
±6 mA maximum continuous A, B, and W current density
Simple push button manual configurable control
Built-in adaptive debouncer
Discrete step-up/step-down control
Auto scan up/down control
Auto or manual save of wiper position
Power-on EEPROM refresh time < 50 μs
Rheostat mode temperature coefficient: 35 ppm/°C
Potentiometer mode temperature coefficient: 5 ppm/°C
50-year typical data retention at 125°C
1 million write cycles
Wide operating temperature: −40°C to +125°C
Thin, 2 mm × 2 mm × 0.55 mm 8-lead LFCSP package
APPLICATIONS
Mechanical potentiometer replacement
Portable electronics level adjustment
Audio volume control
Low resolution DAC
LCD panel brightness and contrast control
Programmable voltage to current conversion
Programmable filters, delays, time constants
Feedback resistor programmable power supply
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
ADAPTIVE
DEBOUNCER
CONTROL
LOGIC
BLOCK
EEPROM
RDAC
REGISTER
AD5116
A
W
B
DATA
DATA
GND
VDD
VDD
ASE
PU
PD
Figure 1.
GENERAL DESCRIPTION
The AD5116 provides a nonvolatile digital potentiometer
solution for 64-position adjustment applications, offering
guaranteed low resistor tolerance errors of ±8% and up to
±6 mA current density in the A, B, and W pins. The low resistor
tolerance, low nominal temperature coefficient, and high
bandwidth simplify open-loop applications, as well as tolerance
matching applications.
The new low A-W and B-W resistance feature minimizes
the wiper resistance in the extremes of the resistor array to
typically 45 Ω.
A simple push button interface allows manual control with
just two external push button switches. The AD5116 is designed
with a built-in adaptive debouncer that ignores invalid bounces
due to contact bounce (commonly found in mechanical
switches). The debouncer is adaptive, accommodating a
variety of push buttons.
The AD5116 can automatically save the last wiper position into
EEPROM, making it suitable for applications that require a
power-up in the last wiper position, for example, audio
equipment.
The AD5116 is available in a 2 mm × 2 mm 8-lead LFCSP
package. The part is guaranteed to operate over the extended
industrial temperature range of −40°C to +125°C.
Table 1. NVM ±8% Resistance Tolerance Family
Model
Resistance (kΩ)
Position
Interface
AD5110
10, 80
128
I2C
AD5111
10, 80
128
Up/down
AD5112
5, 10, 80
64
I2C
AD5113
5, 10, 80
64
Up/down
AD5116
5, 10, 80
64
Push button
AD5114
10, 80
32
I2C
AD5115
10, 80
32
Up/down


Similar Part No. - AD5111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5111 AD-AD5111 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
374Kb / 16P
Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5111 AD-AD5111 Datasheet
448Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5111 AD-AD5111 Datasheet
2Mb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. D
More results

Similar Description - AD5111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
logo
Maxim Integrated Produc...
DS3908 MAXIM-DS3908 Datasheet
219Kb / 11P
Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Rev 0; 4/06
logo
Analog Devices
AD5293 AD-AD5293 Datasheet
686Kb / 20P
Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111 AD-AD5111 Datasheet
458Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
3/16-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com