Electronic Components Datasheet Search
  English  ▼

X  

AD5111 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5111
Description  Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5111 Datasheet(HTML) 3 Page - Analog Devices

  AD5111 Datasheet HTML 1Page - Analog Devices AD5111 Datasheet HTML 2Page - Analog Devices AD5111 Datasheet HTML 3Page - Analog Devices AD5111 Datasheet HTML 4Page - Analog Devices AD5111 Datasheet HTML 5Page - Analog Devices AD5111 Datasheet HTML 6Page - Analog Devices AD5111 Datasheet HTML 7Page - Analog Devices AD5111 Datasheet HTML 8Page - Analog Devices AD5111 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD5116
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
5 kΩ, 10 kΩ, and 80 kΩ versions: VDD = 2.3 V to 5.5 V, VA = VDD, VB = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resolution
N
6
Bits
Resistor Integral Nonlinearity2
R-INL
RAB = 5 kΩ, VDD = 2.3 V to 2.7 V
−2.5
±0.5
+2.5
LSB
RAB = 5 kΩ, VDD = 2.7 V to 5.5 V
−1
±0.25
+1
LSB
RAB = 10 kΩ
−1
±0.25
+1
LSB
RAB = 80 kΩ
−0.25
±0.1
+0.25
LSB
Resistor Differential Nonlinearity2
R-DNL
−1
±0.25
+1
LSB
Nominal Resistor Tolerance
ΔRAB/RAB
−8
+8
%
Resistance Temperature Coefficient3
(ΔRAB/RAB)/ΔT × 106
Code = full scale
35
ppm/°C
Wiper Resistance
RW
Code = zero scale
70
140
Ω
RBS
Code = bottom scale
45
80
Ω
RTS
Code = top scale
70
140
Ω
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Integral Nonlinearity4
INL
−0.5
±0.15
+0.5
LSB
Differential Nonlinearity4
DNL
−0.5
±0.15
+0.5
LSB
Full-Scale Error
VWFSE
RAB = 5 kΩ
−2.5
LSB
RAB =10 kΩ
−1.5
LSB
RAB = 80 kΩ
−1
LSB
Zero-Scale Error
VWZSE
RAB = 5 kΩ
+1.5
LSB
RAB =10 kΩ
+1
LSB
RAB = 80 kΩ
+0.25
LSB
Voltage Divider Temperature Coefficient3
(ΔVW/VW)/ΔT × 106
Code = half scale
±10
ppm/°C
RESISTOR TERMINALS
Maximum Continuous IA, IB, and IW Current3
RAB = 5 kΩ, 10 kΩ
−6
+6
mA
RAB = 80 kΩ
−1.5
+1.5
mA
Terminal Voltage Range5
GND
VDD
V
Capacitance A, Capacitance B3, 6
CA, CB
f = 1 MHz, measured to GND,
code = half scale, VW = VA = 2.5 V
or VW = VB = 2.5 V
20
pF
Capacitance W3, 6
CW
f = 1 MHz, measured to GND,
code = half scale, VA = VB = 2.5 V
35
pF
Common-Mode Leakage Current3
VA = VW = VB
50
nA
DIGITAL INPUTS (PU AND PD)
Input Logic3
High
VINH
2
V
Low
VINL
0.8
V
Input Current3
IN
±1
µA
Input Capacitance3
CIN
5
pF
DIGITAL OUTPUT (
ASE)
Output High Voltage3
VOH
ISINK = 2 mA, VDD = 5 V
4.8
V
Output Current3
IO
VDD = 5 V
16
mA
Three-State Leakage Current3
IOZ
±1
µA
Input Capacitance3
CIN
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com