Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
104
March 06 , 2012
Rev. 1.50
105
March 06 , 2012
TC K I npu t
TM 0
(C TM )
PA 2/ TC K0
PC 5 Ou tp ut F unc ti on
0
1
PC 5
1
0
Ou tp ut
PC 5/ TP 0_1
T0 CP 1
PA0 O ut pu t F unc ti on
0
1
PA0
1
0
PA0 /T P0 _0
T0 CP 0
PC 4 Ou tp ut F unc ti on
0
1
PC 4
1
0
Ou tp ut
C apt ur e I nput
PC 2/ TC K2
TC K In pu t
1
0
TM 2
(S TM )
PC 4/ TP 2_1
T2 CP 1
T2 CP 1
PC 3 Ou tp ut F unc ti on
0
1
PC 3
1
0
1
0
PC 3/ TP 2_0
T2 CP 0
T2 CP 0
TC K I npu t
TM 3
(C TM )
PC 4/ TC K3
PD 0 Ou tp ut F unc ti on
0
1
PD 0
1
0
Ou tp ut
PD 0/ TP 3_1
T3 CP 1
PD 3 Ou tp ut F unc ti on
0
1
PD 3
1
0
PD 3/ TP 3_0
T3 CP 0
HT67F50 and HT67F60 TM0, TM2, TM3 Function Pin Control Block Diagram
Note: (1) The I/O register data bits shown are used for TM output inversion control.
(2) In the Capture Input Mode, the TM pin control register must never enable more than one TM
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com