Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 242 page
background image
Rev. 1.50
108
March 06 , 2012
Rev. 1.50
109
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
TMPC1 Register
●
HT67F40
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
T2CP1
T2CP0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
1
Bit 7~2
Unimplemented, read as "0"
Bit 1
T2CP1: TP2_1 pin Control
0: disable
1: enable
Bit 0
T2CP0: TP2_0 pin Control
0: disable
1: enable
●
HT67F50/HT67F60
Bit
7
6
5
4
3
2
1
0
Name
—
—
T3CP1
T3CP0
—
—
T2CP1
T2CP0
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
1
—
—
0
1
Bit 7~6
Unimplemented, read as "0"
Bit 5
T3CP1: TP3_1 pin Control
0: disable
1: enable
Bit 4
T3CP0: TP3_0 pin Control
0: disable
1: enable
Bit 3~2
Unimplemented, read as "0"
Bit 1
T2CP1: TP2_1 pin Control
0: disable
1: enable
Bit 0
T2CP0: TP2_0 pin Control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com