Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 113 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 113 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 117Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
112
March 06 , 2012
Rev. 1.50
113
March 06 , 2012
●
TMnC1 Register
Bit
7
6
5
4
3
2
1
0
Name
TnM1
TnM0
TnIO1
TnIO0
TnOC
TnPOL
TnDPX
TnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
TnM1~TnM0: Select TMn Operating Mode
00: Compare Match Output Mode
01: Undefined
10: PWM Mode
11: Timer/Counter Mode
These bits setup the required operating mode for the TM. To ensure reliable operation
the TM should be switched off before any changes are made to the TnM1 and TnM0
bits. In the Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
TnIO1~TnIO0: Select TPn_0, TPn_1 output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode
00: PWM Output inactive state
01: PWM Output active state
10: PWM output
11: Undefined
Timer/counter Mode
unused
These two bits are used to determine how the TM output pin changes state when a
certain condition is reached. The function that these bits select depends upon in which
mode the TM is running.
In the Compare Match Output Mode, the TnIO1 and TnIO0 bits determine how the
TM output pin changes state when a compare match occurs from the Comparator A.
The TM output pin can be setup to switch high, switch low or to toggle its present
state when a compare match occurs from the Comparator A. When the bits are both
zero, then no change will take place on the output. The initial value of the TM output
pin should be setup using the TnOC bit in the TMnC1 register. Note that the output
level requested by the TnIO1 and TnIO0 bits must be different from the initial value
setup using the TnOC bit otherwise no change will occur on the TM output pin when a
compare match occurs. After the TM output pin changes state it can be reset to its
initial level by changing the level of the TnON bit from low to high.
In the PWM Mode, the TnIO1 and TnIO0 bits determine how the TM output pin
changes state when a certain compare match condition occurs. The PWM output
function is modified by changing these two bits. It is necessary to only change the
values of the TnIO1 and TnIO0 bits only after the TMn has been switched off.
Unpredictable PWM outputs will occur if the TnIO1 and TnIO0 bits are changed when
the TM is running.
Bit 3
TnOC: TPn_0, TPn_1 Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon
whether TM is being used in the Compare Match Output Mode or in the PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com