Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 116Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 117Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 118Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 119Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 242 page
background image
Rev. 1.50
116
March 06 , 2012
Rev. 1.50
117
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Counter Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
Time
CCRA=0
CCRA = 0
Counter overflow
CCRA > 0 Counter cleared by CCRA value
Pause
Resume
Stop
Counter Restart
TnCCLR = 1; TnM [1:0] = 00
Output pin set to
initial Level Low
if TnOC=0
Output Toggle with
TnAF flag
Note TnIO [1:0] = 10
Active High Output select
Here TnIO [1:0] = 11
Toggle Output select
Output not affected by
TnAF flag. Remains High
until reset by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnPOL is high
TnPF not
generated
No TnAF flag
generated on
CCRA overflow
Output does
not change
Compare Match Output Mode — TnCCLR = 1
Note: 1. With TnCCLR=1, a Comparator A match will clear the counter
2. The TM output pin is controlled only by the TnAF flag
3. The output pin is reset to its initial state by a TnON bit rising edge
4. The TnPF flag is not generated when TnCCLR=1
PWM Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1 register should be set to 10 respectively.
The PWM function within the TM is useful for applications which require functions such as motor
control, heating control, illumination control etc. By providing a signal of fixed frequency but of
varying duty cycle on the TM output pin, a square wave AC waveform can be generated with
varying equivalent DC RMS values.
As both the period and duty cycle of the PWM waveform can be controlled, the choice of generated
waveform is extremely flexible. In the PWM mode, the TnCCLR bit has no effect on the PWM
operation. Both of the CCRA and CCRP registers are used to generate the PWM waveform, one
register is used to clear the internal counter and thus control the PWM waveform frequency, while
the other one is used to control the duty cycle. Which register is used to control either frequency or
duty cycle is determined using the TnDPX bit in the TMnC1 register. The PWM waveform
frequency and duty cycle can therefore be controlled by the values in the CCRA and CCRP registers.
An interrupt flag, one for each of the CCRA and CCRP, will be generated when a compare match
occurs from either Comparator A or Comparator P. The TnOC bit in the TMnC1 register is used to
select the required polarity of the PWM waveform while the two TnIO1 and TnIO0 bits are used to
enable the PWM output or to force the TM output pin to a fixed high or low level. The TnPOL bit is
used to reverse the polarity of the PWM output waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com