Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 136 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 136 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 140Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 242 page
background image
Rev. 1.50
136
March 06 , 2012
Rev. 1.50
137
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Bit 3
T1BOC: TP1B_0, TP1B_1, TP1B_2 Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon
whether TM is being used in the Compare Match Output Mode or in the PWM Mode/
Single Pulse Output Mode. It has no effect if the TM is in the Timer/Counter Mode. In
the Compare Match Output Mode it determines the logic level of the TM output pin
before a compare match occurs. In the PWM Mode it determines if the PWM signal is
active high or active low.
Bit 2
T1BPOL: TP1B_0, TP1B_1, TB1B_2 Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TP1B_0, TP1B_1, TP1B_2 output pin. When the
bit is set high the TM output pin will be inverted and not inverted when the bit is zero.
It has no effect if the TM is in the Timer/Counter Mode.
Bit 1~0
T1PWM1~T1PWM0: Select PWM Mode
00: Edge aligned
01: Centre aligned, compare match on count up
10: Centre aligned, compare match on count down
11: Centre aligned, compare match on count up or down
●
TM1DL Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM1DL: TM1 Counter Low Byte Register bit 7~bit 0
TM1 10-bit Counter bit 7~bit 0
●
TM1DH Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as "0"
Bit 1~0
TM1DH: TM1 Counter High Byte Register bit 1~bit 0
TM1 10-bit Counter bit 9~bit 8
●
TM1AL Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~0
TM1AL: TM1 CCRA Low Byte Register bit 7~bit 0
TM1 10-bit CCRA bit 7~bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com